Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5032
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM5032 Datasheet HTML 11Page - National Semiconductor (TI) LM5032 Datasheet HTML 12Page - National Semiconductor (TI) LM5032 Datasheet HTML 13Page - National Semiconductor (TI) LM5032 Datasheet HTML 14Page - National Semiconductor (TI) LM5032 Datasheet HTML 15Page - National Semiconductor (TI) LM5032 Datasheet HTML 16Page - National Semiconductor (TI) LM5032 Datasheet HTML 17Page - National Semiconductor (TI) LM5032 Datasheet HTML 18Page - National Semiconductor (TI) LM5032 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Output Duty Cycle (Continued)
driver pulsewidth is equal to the least of these four pulses.
Whichever input of the AND gate transitions high-to-low first
terminates the output driver’s on-time.
Driver Outputs
OUT1, the primary switch driver for Controller 1 is designed
to drive the gate of an N-channel MOSFET with 1.5A sourc-
ing current and 2.5A sinking current. The peak output levels
are VCC and GND1. The ground return path for Controller 1
is GND1. The corresponding pins for Controller 2 are OUT2
and GND2.
OUT1 and OUT2 are compound gate drivers with CMOS
and Bipolar output transistors as shown in Figure 19. The
parallel MOS and Bipolar devices provide a faster turn-off of
the primary switch thereby reducing switching losses. The
outputs switch at one-half the oscillator frequency with the
rising edges at OUT1 and OUT2 180˚ out of phase with each
other. The on-time of OUT1 and OUT2 is determined by their
respective duty cycle control.
Thermal Shutdown
The LM5032 should be operated so the junction temperature
does not exceed 125˚C. If a junction temperature transient
reaches 165˚C (typical), the Thermal Shutdown circuit acti-
vates the V
CC Disable and Drivers Off lines (see Figure 15).
The V
CC regulator and the four output drivers are disabled,
the SS1, SS2, and RES pins are grounded, and the soft-start
current is set to 50 µA. This puts the LM5032 in a low power
state helping to prevent catastrophic failures from accidental
device overheating. When the junction temperature reduces
below 145˚C (typical hysteresis = 20˚C), the V
CC regulator is
enabled and a startup sequence is initiated (Figure 2).
20135025
FIGURE 19. Compound Gate Driver
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com