Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5032
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5032 Datasheet HTML 1Page - National Semiconductor (TI) LM5032 Datasheet HTML 2Page - National Semiconductor (TI) LM5032 Datasheet HTML 3Page - National Semiconductor (TI) LM5032 Datasheet HTML 4Page - National Semiconductor (TI) LM5032 Datasheet HTML 5Page - National Semiconductor (TI) LM5032 Datasheet HTML 6Page - National Semiconductor (TI) LM5032 Datasheet HTML 7Page - National Semiconductor (TI) LM5032 Datasheet HTML 8Page - National Semiconductor (TI) LM5032 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM5032
High Voltage Dual Interleaved Current Mode Controller
General Description
The LM5032 dual current mode PWM controller contains all
the features needed to control either two independent for-
ward dc/dc converters or a single high current converter
comprised of two interleaved power stages. The two control-
ler channels operate 180˚ out of phase thereby reducing
input ripple current. The LM5032 includes a startup regulator
that operates over a wide input range up to 100V and
compound (bipolar + CMOS) gate drivers that provide a
robust 2.5A peak sink current. The adjustable maximum
PWM duty cycle reduce stress on the primary side MOSFET
switches. Additional features include programmable line
under-voltage lockout, cycle-by-cycle current limit, hiccup
mode fault operation with adjustable response time, PWM
slope compensation, soft-start, and a 2 MHz capable oscil-
lator with synchronization capability.
Features
n
Two independent PWM current mode controllers
n
Integrated high voltage startup regulator
n
Compound 2.5A main output gate drivers
n
Single resistor oscillator setting to 2 MHz
n
Synchronizable oscillator
n
Programmable maximum duty cycle
n
Maximum duty cycle fold-back at high line voltage
n
Adjustable timer for hiccup mode current limiting
n
Integrated slope compensation
n
Adjustable line under-voltage lockout
n
Independently adjustable soft-start (each regulator)
n
Direct interface with opto-coupler transistor
n
Thermal shutdown
Applications
n
Telecommunication Power Converters
n
Industrial Power Converters
n
+42V Automotive Systems
Packages
n
TSSOP-16
Typical Application Circuit
20135001
Dual Interleaved Regulators with Independent Outputs
March 2005
© 2005 National Semiconductor Corporation
DS201350
www.national.com


Similar Part No. - LM5032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5032 TI1-LM5032 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5032 TI-LM5032 Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
LM5032 TI2-LM5032 Datasheet
1Mb / 36P
LM5032 High-Voltage Dual Interleaved Current Mode Controller
REVISED DECEMBER 2014
LM5032MTC/NOPB TI-LM5032MTC/NOPB Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
LM5032MTC/NOPB TI2-LM5032MTC/NOPB Datasheet
1Mb / 36P
LM5032 High-Voltage Dual Interleaved Current Mode Controller
REVISED DECEMBER 2014
More results

Similar Description - LM5032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
Interleaved Dual BCM PFC Controller
logo
Texas Instruments
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Texas Instruments
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com