Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5032
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM5032 Datasheet HTML 8Page - National Semiconductor (TI) LM5032 Datasheet HTML 9Page - National Semiconductor (TI) LM5032 Datasheet HTML 10Page - National Semiconductor (TI) LM5032 Datasheet HTML 11Page - National Semiconductor (TI) LM5032 Datasheet HTML 12Page - National Semiconductor (TI) LM5032 Datasheet HTML 13Page - National Semiconductor (TI) LM5032 Datasheet HTML 14Page - National Semiconductor (TI) LM5032 Datasheet HTML 15Page - National Semiconductor (TI) LM5032 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Oscillator (Continued)
age at the R
T/SYNC pin is internally regulated at 2.0V. The
R
T resistor should be located as close as possible to the
LM5032 with short direct connections to the pins.
The LM5032 can be synchronized to an external clock by
applying a narrow clock pulse to the R
T/SYNC pin. See the
Applications Information section for details on this proce-
dure. The R
T resistor is always required, whether the oscil-
lator is free running or externally synchronized.
PWM Comparator/Slope
Compensation
The PWM comparator of each controller compares a slope
compensated current ramp signal with the loop error voltage
derived from the COMP pin. The COMP voltage is typically
controlled by an external error amplifier/optocoupler feed-
back circuit to regulate the converter output voltage. Inter-
nally, the voltage at the COMP pin passes through two level
shifting diodes and a gain reducing 3:1 resistor divider (see
Figure 16). The compensated current ramp signal is a com-
bination of the current waveform at the CS pin, and an
internally generated ramp derived from the internal clock. At
duty cycles greater than 50% current mode control circuits
are prone to subharmonic oscillation. By adding a small fixed
ramp to the external current sense signal oscillations can be
avoided. The internal ramp has an amplitude of 45 µA and is
sourced into an internal 2k
Ω resistor, and a 42 kΩ resistor in
parallel with the external impedance at the CS pin. The ramp
current also flows through the external impedance con-
nected to the CS pin and thus, the amount of slope compen-
sation can be adjusted by varying the external circuit at the
CS pin.
The output of the PWM comparator provides the pulse width
information to the output drivers. This comparator is opti-
mized for speed in order to achieve minimum controllable
duty cycles. The comparator’s output duty cycle is 0% for
V
COMP
≤1.5V, and increases as V
COMP increases.
If either Soft-start pin is pulled low (internally or externally)
the corresponding COMP pin is pulled down with it, forcing
the output duty cycle to zero. When the Soft-start pin voltage
increases, the COMP pin is allowed to increase. An internal
5k
Ω resistor connected from COMP to an internal 5.0V
supply provides a pull-up for the COMP pin and bias current
to the collector of the opto-coupler transistor.
Cycle-by-Cycle Current Limit
Each CS pin is designed to accept a signal representative of
its transformer primary current. If the voltage at CS exceeds
0.5V the current sense comparator terminates the present
main output driver (OUT pin) pulse. If the high current fault
persists, the controller operates with constant peak switch
current in a cycle-by-cycle current limit mode, and a Hiccup
Mode Current Limit Restart cycle begins (see below).
Each CS pin is internally connect to ground through a 30
Ω
resistor during the main output off time to discharge external
filter capacitance. The discharge device remains on for an
additional 50 ns after the main output driver switches high to
blank leading edge transients in the current sensing circuit.
Discharging the CS pin filter each cycle and blanking leading
edge spikes reduces the filter requirement which improves
the current sense response time.
The current sense comparators are fast and respond to short
duration noise pulses. The external circuitry at each CS pin
should include an R-C filter to suppress noise. Layout con-
siderations are critical for the current sense filter and the
sense resistor. Refer to the Applications Information section
for PC board layout guidelines.
Hiccup Mode Current Limit Restart
If cycle-by-cycle current limiting continues in either or both
controllers for a sufficient period of time, the Current Limit
Restart circuit disables both regulators and initiates a soft-
start sequence after a programmable delay. The duration of
cycle-by-cycle current limiting before turn-off occurs is pro-
grammed by the value of the external capacitor at the RES
pin. The dwell time before output switching resumes is pro-
grammed by the value of the Soft-start capacitor(s). The
circuit is detailed in Figure 17 and the timing is shown in
Figure 18. A description of this circuit’s operation is as fol-
lows:
a) No current limit detected:
20135022
FIGURE 16. Typical Feedback Network
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com