Electronic Components Datasheet Search
  English  ▼

X  

LM5032 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5032
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM5032 Datasheet HTML 12Page - National Semiconductor (TI) LM5032 Datasheet HTML 13Page - National Semiconductor (TI) LM5032 Datasheet HTML 14Page - National Semiconductor (TI) LM5032 Datasheet HTML 15Page - National Semiconductor (TI) LM5032 Datasheet HTML 16Page - National Semiconductor (TI) LM5032 Datasheet HTML 17Page - National Semiconductor (TI) LM5032 Datasheet HTML 18Page - National Semiconductor (TI) LM5032 Datasheet HTML 19Page - National Semiconductor (TI) LM5032 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Applications Information
VIN
The voltage applied to the VIN pin, normally the same as the
system voltage applied to the power transformer’s primary
(V
PWR), can vary in the range of 13 to 100V with transient
capability to 105V. The current into VIN depends primarily on
the output driver capacitive loads, the switching frequency,
and any external load at VCC. If the power dissipation
associated with the VIN current exceeds the package capa-
bility, an external voltage should be applied to VCC (see
Figures3&4)to reduce power in the internal start-up
regulator. It is recommended the circuit of Figure 20 be used
to suppress transients which may occur at the input supply,
in particular where VIN is operated close to the maximum
operating rating of the LM5032.
When all internal bias currents for the LM5032 and output
driver currents are supplied through VIN and the internal V
CC
regulator, the required input current (I
IN) is shown in Figures
3 & 4. In most applications, upon turn-on, I
IN increases with
V
IN
as shown in Figure 3 until the UVLO threshold is
reached. After the outputs are enabled and the external VCC
supply voltage is active, the current into VIN then drops to a
nominal 120 µA.
FOR APPLICATIONS >100V
For applications where the system input voltage (V
PWR)
exceeds 100V, VIN can be powered from an external
start-up regulator as shown in Figure 21, or from any other
low voltage source as shown in Figure 22. Connecting VIN
and VCC together allows the LM5032 to be operated with
VIN below 13V. The voltage at VCC must not exceed 15V.
The voltage source at the right side of Figure 21 is typically
derived from the power stage, and becomes active once the
LM5032’s outputs are active.
UVLO
The under-voltage lockout threshold (UVLO) is internally set
at 1.25V at the UVLO pin. With two external resistors as
shown in Figure 23, the LM5032 is enabled when V
PWR
exceeds the programmed threshold voltage. When V
PWR is
above the threshold, the internal 20 µA current source is
enabled to raise the voltage at the UVLO pin, providing
hysteresis. R1 and R2 are determined from the following
equations:
R1=V
HYS/20 µA
where V
HYS is the desired UVLO hysteresis at VPWR, and
V
PWR in the second equation is the turn-on voltage. For
example, if the LM5032 is to be enabled when V
PWR reaches
20V, and disabled when V
PWR is decreased to 17V, R1
calculates to 150 k
Ω, and R2 calculates to 10 kΩ. The
voltage at UVLO should not exceed 6V at any time.
The LM5032 can be remotely shutdown by taking the UVLO
pin below 1.25V with an external open collector or open
drain device, as shown in Figure 24. The outputs, and the
V
CC regulator, are disabled, and the LM5032 enters a low
power mode. To shut down one regulator without affecting
the other, see the Soft-start section.
20135027
FIGURE 20. Input Transient Protection
20135047
FIGURE 21. Start-up Regulator for V
PWR >100V
20135048
FIGURE 22. Bypassing the Internal Start-up Regulator
20135028
FIGURE 23. UVLO Circuit
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com