Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 275 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 275 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 279Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 1302 page
background image
Branch Target Buffer (BTB) Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-25
6.9
Branch Target Buffer (BTB) Registers
6.9.1
Branch Buffer Entry Address Register (BBEAR)
6.9.2
Branch Buffer Target Address Register (BBTAR)
32
61
62
63
Field
Branch buffer entry address
IAB[0–1]
Reset
All zeros
R/W
R/W
SPR
SPR 513
Figure 6-28. Branch Buffer Entry Address Register (BBEAR)
Table 6-13. BBEAR Field Descriptions
Bits
Name
Description
32–61
Branch buffer
entry address
Branch buffer entry effective address bits 0–29
62–63
IAB[0–1]
Instruction after branch (with BBTAR[62]). 3-bit pointer that points to the instruction in the
cache line after the branch. See the description in the bblels instruction in the EREF. If the
branch is the last instruction in the cache block, IAB = 000, to indicate the next sequential
instruction, which resides in the zeroth position of the next cache block.
32
61
62
63
Field
Branch buffer target address
IAB2 BDIRPR
Reset
All zeros
R/W
R/W
SPR
SPR 514
Figure 6-29. Branch Buffer Target Address Register (BBTAR)
Table 6-14. BBTAR Field Descriptions
Bits
Name
Description
32–61
Branch
buffer target
address
Branch buffer target effective address bits 0–29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com