Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
I-1
Part I
Overview
Part I describes the many features of the MPC8540 integrated host processor at an overview level.
The following chapters are included:
•
Chapter 1, “Overview”
•
Chapter 2, “Memory Map”
•
Chapter 3, “Signal Descriptions”
•
Chapter 4, “Reset, Clocking, and Initialization”
Chapter 1, “Overview,” provides a high-level description of features and functionality of the
MPC8540 integrated host processor. It describes the MPC8540, its interfaces, and its
programming model. The functional operation of the MPC8540 with emphasis on peripheral
functions is also described.
Chapter 2, “Memory Map,” describes the MPC8540 memory map. An overview of the local
address map is followed by a description of how local access windows are used to define the local
address map. The inbound and outbound address translation mechanisms used to map to and from
external memory spaces are described next. Finally, the configuration, control, and status registers
are described, including a complete listing of all memory mapped registers with cross references
to the sections detailing descriptions of each.
Chapter 3, “Signal Descriptions,” provides a listing of all the external signals, cross-references for
signals that serve multiple functions, output signal states at reset, and reset configuration signals
(and the modes they define).
Chapter 4, “Reset, Clocking, and Initialization,” describes the hard and soft resets, the power-on
reset sequence, power-on reset (POR) configuration, clocking, and initialization of the MPC8540.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com