Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 292 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 292 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-42
Freescale Semiconductor
Core Register Summary
6.13 Debug Registers
6.13.1 Debug Control Registers (DBCR0–DBCR2)
6.13.1.1 Debug Control Register 0 (DBCR0)
32
33
34 35
36
37
38
39
40
41
42
43
44 45 46 47
48
49
62 63
Field — IDM RST ICMP BRT IRPT TRAP IAC1 IAC2
—
DAC1 DAC2 RET
—
FT
Reset
All zeros
R/W
R/W
SPR
SPR 308
Figure 6-48. Debug Control Register 0 (DBCR0)
Table 6-32. DBCR0 Field Descriptions
Bits
Name
Description
32
—
Reserved, should be cleared.
33
IDM
Internal debug mode
0 Debug interrupts are disabled. No debug interrupts are taken and debug events are not logged.
1 If MSR[DE] = 1, the occurrence of a debug event or the recording of an earlier debug event in
the DBSR when MSR[DE] = 0 or DBCR0[IDM] = 0 causes a debug interrupt.
Programming note: Software must clear debug event status in the DBSR in the debug interrupt
handler when a debug interrupt is taken before re-enabling interrupts through MSR[DE]. Otherwise,
redundant debug interrupts are taken for the same debug event.
34–35
RST
Reset. Book E defines this field such that 00 is always no action and all other settings are
implementation specific. The e500 implements these bits as follows:
0x Default (No action)
1x Causes a hard reset if MSR[DE] and DBCR0[IDM] are set. Always cleared on subsequent cycle.
36
ICMP
Instruction completion debug event enable
0 ICMP debug events are disabled
1 ICMP debug events are enabled
Note: Instruction completion does not cause an ICMP debug event if MSR[DE] = 0.
37
BRT
Branch taken debug event enable
0 BRT debug events are disabled
1 BRT debug events are enabled
Note: Taken branches do not cause a BRT debug event if MSR[DE] = 0.
38
IRPT
Interrupt taken debug event enable. This bit affects only noncritical interrupts.
0 IRPT debug events are disabled
1 IRPT debug events are enabled
39
TRAP
Trap debug event enable
0 TRAP debug events cannot occur
1 TRAP debug events can occur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com