Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 305 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 305 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 309Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
7-1
Chapter 7
L2 Look-Aside Cache/SRAM
This chapter describes the organization of the on-chip L2/SRAM, cache coherency rules, cache
line replacement algorithm, cache control instructions, and various cache operations. It also
describes the interaction between the L2/SRAM and the e500 core complex.
7.1
L2 Cache Overview
The integrated 256-Kbyte L2 cache is organized as 1024 eight-way sets of 32-byte cache lines
based on 32-bit physical addresses, as shown in Figure 7-1.
Figure 7-1. L2 Cache/SRAM Configuration
The SRAM can be configured with memory-mapped registers as externally accessible
memory-mapped SRAM in addition to or instead of cache. The L2 cache can operate in the
following modes, described in Section 7.2, “Cache Organization”:
•
Full cache mode (256-Kbyte cache)
•
Full memory-mapped SRAM mode (256-Kbyte SRAM mapped as a single 256-Kbyte
block or two 128-Kbyte blocks)
•
Half SRAM and half cache mode (128-Kbyte cache and 128-Kbyte memory-mapped SRAM)
e500 Core
32-Kbyte L1
Instruction Cache
32-Kbyte L1
Data Cache
Core Complex Bus
e500 Core Complex
256-Kbyte
L2 Cache/SRAM
Coherency Module
64
128
128
Two 128-Kbyte banks
(8-way)
Independently programmable
as L2 cache or SRAM
WR
RD2
RD1
DOUT
WR IN
RD IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com