Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE295 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR2EE295
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE295 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR2EE295 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
4
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
List of Products Number, Output voltage and Marking
Product No.
VOUT (V)
(typ.)
Marking
Product No.
VOUT (V)
(typ.)
Marking
SMV(SOT-25)
ESV(SOT-553)
SMV(SOT-25)
ESV(SOT-553)
TCR2EF10
TCR2EE10
1.0
1N0
TCR2EF28
TCR2EE28
2.8
2N8
TCR2EF105
TCR2EE105
1.05
1NA
TCR2EF285
TCR2EE285
2.85
2ND
TCR2EF11
TCR2EE11
1.1
1N1
TCR2EF29
TCR2EE29
2.9
2N9
TCR2EF115
TCR2EE115
1.15
1NB
-
TCR2EE295
2.95
2NE
TCR2EF12
TCR2EE12
1.2
1N2
TCR2EF30
TCR2EE30
3.0
3N0
TCR2EF125
TCR2EE125
1.25
1NC
-
TCR2EE305
3.05
3NA
TCR2EF13
TCR2EE13
1.3
1N3
TCR2EF31
TCR2EE31
3.1
3N1
TCR2EF135
TCR2EE135
1.35
1ND
TCR2EF32
TCR2EE32
3.2
3N2
TCR2EF14
TCR2EE14
1.4
1N4
TCR2EF33
TCR2EE33
3.3
3N3
-
TCR2EE145
1.45
1NE
-
TCR2EE335
3.35
3ND
TCR2EF15
TCR2EE15
1.5
1N5
-
TCR2EE34
3.4
3N4
-
TCR2EE17
1.7
1N7
-
TCR2EE35
3.5
3N5
TCR2EF18
TCR2EE18
1.8
1N8
TCR2EF36
TCR2EE36
3.6
3N6
-
TCR2EE185
1.85
1NF
-
TCR2EE39
3.9
3N9
TCR2EF19
TCR2EE19
1.9
1N9
TCR2EF40
TCR2EE40
4.0
4N0
TCR2EF20
TCR2EE20
2.0
2N0
TCR2EF41
TCR2EE41
4.1
4N1
-
TCR2EE24
2.4
2N4
-
TCR2EE42
4.2
4N2
TCR2EF25
TCR2EE25
2.5
2N5
TCR2EF45
TCR2EE45
4.5
4N5
TCR2EF27
TCR2EE27
2.7
2N7
-
TCR2EE48
4.8
4N8
-
TCR2EE275
2.75
2NF
TCR2EF50
TCR2EE50
5.0
5N0
Please ask your local retailer about the devices with other output voltages.
Marking (top view)
Example: TCR2EF33 (3.3 V output)
Example: TCR2EE33 (3.3 V output)
3 N 3
3 N 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com