Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE295 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCR2EE295
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE295 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR2EE295 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 9Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 10Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
7
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
Attention in Use
●
Output Capacitors
Ceramic capacitors can be used for these devices. However, because of the type of the capacitors, there might be unexpected
thermal features. Please consider application condition for selecting capacitors. And Toshiba recommends the ESR of ceramic
capacitor be under 10 Ω.
●
Mounting
The long distance between IC and output capacitor might affect phase compensation by impedance in wire and inductor. For
stable power supply, output capacitor need to mount near IC as much as possible. Also VIN and GND pattern need to be
large and make the wire impedance small as possible.
●
Permissible Loss
Please have enough design patterns for expected maximum permissible loss. And under consideration of ambient
temperature, input voltage, and output current etc., we recommend proper dissipation ratings for maximum permissible loss;
in general maximum dissipation rating is 70 to 80 percent.
●
Overcurrent Protection
Overcurrent protection is designed in these products, but this does not assure for the suppression of uprising device operation.
If output pins and GND pins are shorted out, these products might break down.
In use of these products, please read through and understand dissipation idea for absolute maximum ratings from the above
mention or our ‘Semiconductor Reliability Handbook’. Then use these products under absolute maximum ratings in any
condition. Furthermore, Toshiba recommends inserting failsafe system into the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com