Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE295 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TCR2EE295
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE295 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TCR2EE295 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
5
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
Electrical Characteristics
(Unless otherwise specified,
VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage accuracy
VOUT
IOUT = 50 mA (Note 6)
VOUT < 1.8 V
-18
―
+18
mV
1.8 V ≤ VOUT
-1.0
―
+1.0
%
Input voltage
VIN
IOUT = 1 mA
1.5
―
5.5
V
Line regulation
Reg・line VOUT + 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 1 mA
―
1
15
mV
Load regulation
Reg・load 1 mA ≤ IOUT ≤ 150 mA
―
15
30
mV
Quiescent current
IB
IOUT = 0 mA
―
35
60
μA
Stand-by current
IB (OFF) VCT = 0 V
―
0.1
1.0
μA
Dropout voltage
VDO
IOUT = 150 mA
(Note 7)
―
180
230
mV
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
―
100
―
ppm/°C
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz ≤ f ≤ 100 kHz
(Note 7)
―
35
―
μVrms
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f = 1 kHz, VRipple = 500 mVp-p
(Note 7)
―
73
―
dB
Load transient response
⊿
VOUT IOUT = 1 mA⇔150 mA, COUT = 1.0 μF
―
±60
―
mV
Control voltage (ON)
VCT (ON)
―
1.0
―
5.5
V
Control voltage (OFF)
VCT (OFF)
―
0
―
0.4
V
Note 6: Stable state with fixed IOUT condition
Note 7: The 2.5 V output product
Note 8: All characterisitcs of over 4.5 V output products are measured at VIN = VOUT + 0.5 V conditions.
Dropout voltage (IOUT = 150 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Output voltages
Symbol
Min
Typ.
Max
Unit
1.0 V, 1.05 V
VDO
―
510
770
mV
1.1 V, 1.15 V
―
440
670
1.2 V, 1.25 V
―
380
570
1.3 V
―
350
470
1.4 V
―
310
420
1.5 V ≤ VOUT < 1.8 V
―
290
390
1.8 V ≤ VOUT < 2.5 V
―
230
310
2.5 V ≤ VOUT < 3.0 V
―
180
230
3.0 V ≤ VOUT ≤ 5.0 V
―
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com