Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE295 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCR2EE295
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE295 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR2EE295 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 9Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
6
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
Application Note
1.
Examples of Application Circuit
SMV
ESV
The figures above show the examples of configuration for using a Low dropout regulator. Insert a capacitor at VOUT and
VIN pins for stable input/output operation. (Ceramic capacitors can be used).
2. Power Dissipation
Both unit and board mounted power dissipation ratings for TCR2EF series and TCR2EE series are available in the Absolute
Maximum Ratings table.
Power dissipation is measured on the board shown below.
Test Board for Thermal Resistance
CONTROL pin
connection
Operation
HIGH
ON
LOW
OFF
OPEN
OFF
SMV
ESV
Ambient temperature Ta (℃)
PD – Ta (ESV)
−40
0
0
40
120
80
100
200
300
400
①
②
①
Board dimension 30 mm x 30 mm,
x 0.8 mm Copper area 20 mm2,
mounted on FR4 Board
②
Unit Rating
*Board material: FR4 board
Board dimension: 30 mm × 30 mm × 0.8 mm
Copper area: 20 mm2
*Board material: FR4 board
Board dimension: 25.4 mm × 25.4 mm × 1.6 mm
Copper area: 645 mm2
VOUT
GND
VIN
CONTROL
NC
VOUT
GND VIN
CONTROL
NC
Ambient temperature Ta (℃)
PD – Ta (SMV)
−40
0
0
40
120
80
200
400
600
800
①
Board dimension 25.4 mm x 25.4 mm, x
1.6 mm Copper area 645 mm2,
mounted on FR4 Board
②
Unit Rating
②
①



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com