Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE295 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCR2EE295
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE295 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCR2EE295 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 9Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 10Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 11Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
8
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
Representative Typical Characteristics(Note)
1) Output voltage vs. Input voltage
2) Output voltage vs. Output current
Output current IOUT (mA)
Input voltage VIN (V)
Input voltage VIN (V)
Output current IOUT (mA)
Input voltage VIN (V)
Input voltage VIN (V)
VIN = 2.2 V,
CIN = 0.1 μF, COUT = 1 μF
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA
CIN = 0.1 μF, COUT = 1 μF
CIN = 0.1 μF, COUT = 1 μF
VOUT = 3.0 V
CIN = 0.1 μF, COUT = 1 μF
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA
IOUT = 1mA
IOUT = 150mA
IOUT = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com