Electronic Components Datasheet Search
  English  ▼

X  

TCR2EE295 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR2EE295
Description  200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE295 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR2EE295 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE295 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TCR2EF series, TCR2EE series
2019-06-20
2
© 2017-2019
Toshiba Electronic Devices & Storage Corporation
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Power dissipation
PD
SMV
200
(Note 1)
mW
580
(Note 2)
ESV
150
(Note 1)
320
(Note 3)
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the
operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Unit Rating
Note 2: Rating at mounting on a board
(FR4 board dimension: 25.4 mm × 25.4 mm × 1.6 mm)
Note 3: Rating at mounting on a board
(FR4 board dimension: 30 mm × 30 mm × 0.8 mm)
Operating Ranges
Note 4: IOUT = 1 mA.
Please refer to Dropout voltage (Page 5) and use it within Absolute Maximum Ratings Junction temperature and
Operation Temperature Ranges.
Note 5: Do not operate at or near the maximum ratings of operating ranges for extended periods of time. Exposure to such
conditions may adversely impact product reliability and results in failures not covered by warranty.
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
1.5 to 5.5 V
(Note 4)
V
Control voltage
VCT
0 to 5.5
V
Output voltage
VOUT
1.0 to 5.0
V
Output current
IOUT
DC
200
(Note 5)
mA
Operation Temperature
Topr
-40 to 85
°C
Output Capacitance
COUT
≥1.0μF
―
Input Capacitance
CIN
≥0.1μF
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com