Electronic Components Datasheet Search
  English  ▼

X  

NJU77241F Datasheet(PDF) 11 Page - New Japan Radio

Part # NJU77241F
Description  Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU77241F Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJU77241F Datasheet HTML 7Page - New Japan Radio NJU77241F Datasheet HTML 8Page - New Japan Radio NJU77241F Datasheet HTML 9Page - New Japan Radio NJU77241F Datasheet HTML 10Page - New Japan Radio NJU77241F Datasheet HTML 11Page - New Japan Radio NJU77241F Datasheet HTML 12Page - New Japan Radio NJU77241F Datasheet HTML 13Page - New Japan Radio NJU77241F Datasheet HTML 14Page - New Japan Radio NJU77241F Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
- 11 -
Ver.6
http://www.njr.com/
NJU77240/NJU77241/NJU77242
■ TYPICAL TEST CIRCUIT
●Supply Current
(ISUPPLY)
・
V
+=3V,V-=0V,Vcom=0V, VID=100m V
・
V
+=3V,V-=0V,Vcom=3V, VID=100mV
●Output Leakage Current
(ILEAK)
●Low-level Output Voltage (VOL)
・
V
+=3V,V-=0V, VID=100m V, Vo=3V
・
V
+=3V,V-=0V,ISINK=3mA,VID=100mV
●Propagation Delay (tPLH, tPHL), Output Signal Rising Time (tTLH), Output Signal Falling Time (tTHL)
・
V
+=3V,V-=0V,VCOM=0V,RL=5.1kΩ,CL=15pF,Over drive=100mV
V ID
V
COM
V+
A
V
ID
V+
A
Input Wave Form
(Rise Measurement)
100mV
Over
Drive
Input Wave Form
(Fall Measurement)
100mV
Over
Drive
V
IN
VCOM
V+
CL
RL
V
ID
V+
V
ISINK
VCOM
VCOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com