Electronic Components Datasheet Search
  English  ▼

X  

NJU77241F Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU77241F
Description  Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU77241F Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJU77241F Datasheet HTML 4Page - New Japan Radio NJU77241F Datasheet HTML 5Page - New Japan Radio NJU77241F Datasheet HTML 6Page - New Japan Radio NJU77241F Datasheet HTML 7Page - New Japan Radio NJU77241F Datasheet HTML 8Page - New Japan Radio NJU77241F Datasheet HTML 9Page - New Japan Radio NJU77241F Datasheet HTML 10Page - New Japan Radio NJU77241F Datasheet HTML 11Page - New Japan Radio NJU77241F Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
- 8 -
Ver.6
http://www.njr.com/
NJU77240/NJU77241/NJU77242
■ TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
Open-Loop Voltage Gain vs. Temperature
V+=3V, V- =0V, RL=5.1kΩ
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
SVR vs. Temperature
V+=1.8V to 5.5V, V- =0V, VCOM=V+
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [ºC]
CMR vs. Temperature
V+=3V, V- =0V, VICM=0 to 3V
0.001
0.01
0.1
1
10
100
25
50
75
100
125
150
Ambient Temperature [ºC]
Input Bias Current vs. Temperature
VCOM=V+/2, V- =0V
V+=1.8V
V+=3V
V+=5.5V
0.001
0.01
0.1
1
10
100
25
50
75
100
125
150
Ambient Temperature [ºC]
Output Leakage Current vs. Temperature
V- =0V, VO=V+
V+=1.8V
V+=3V
V+=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com