Electronic Components Datasheet Search
  English  ▼

X  

NJU77241F Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU77241F
Description  Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU77241F Datasheet(HTML) 2 Page - New Japan Radio

  NJU77241F Datasheet HTML 1Page - New Japan Radio NJU77241F Datasheet HTML 2Page - New Japan Radio NJU77241F Datasheet HTML 3Page - New Japan Radio NJU77241F Datasheet HTML 4Page - New Japan Radio NJU77241F Datasheet HTML 5Page - New Japan Radio NJU77241F Datasheet HTML 6Page - New Japan Radio NJU77241F Datasheet HTML 7Page - New Japan Radio NJU77241F Datasheet HTML 8Page - New Japan Radio NJU77241F Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
- 2 -
Ver.6
http://www.njr.com/
NJU77240/NJU77241/NJU77242
■ BLOCK DIAGRAM
■ PRODUCT NAME INFORMATION
■ ORDERING INFORMATION
PART NUMBER
PACKAGE
RoHS
HALOGEN-
FREE
TERMINAL
FINISH
MARKING
WEIGHT
(mg)
MOQ
(pcs)
NJU77240F
SOT-23-5
Yes
Yes
Sn2Bi
1K
15
3000
NJU77240F3
SC-88A
Yes
Yes
Sn2Bi
F3
7.5
3000
NJU77241F
SOT-23-5
Yes
Yes
Sn2Bi
1L
15
3000
NJU77241F3
SC-88A
Yes
Yes
Sn2Bi
F4
7.5
3000
NJU77241KG1
DFN6-G1
Yes
Yes
Sn2Bi
77241
3.5
3000
NJU77242RB1
MSOP8 (TVSP8)
Yes
Yes
Sn2Bi
77242
18
2000
NJU77242KU1
DFN8-U1
Yes
Yes
Sn2Bi
77242
5.3
3000
■ ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+- V-
7
V
Input Voltage
(1,2)
VIN
V
- - 0.3 to V+ + 0.3
V
Input Current
(2)
IIN
10
mA
Differential Input Voltage
(3)
VID
±7
V
Output Terminal Input Voltage
(4)
Vo
V
-- 0.3 to V- +7
V
Power Dissipation (Ta=25°C)
SOT-23-5
(5)
SC-88A
(5)
DFN6-G1
(6)
MSOP8 (TVSP8)
(5)
DFN8-U1
(6)
PD
2-Layer / 4-Layer
480 / 650
360 / 490
330 / 1200
510 / 680
450 / 1200
mW
Junction Temperature Range
Tjmax
150
°C
Storage Temperature Range
Tstg
- 55 to 150
°C
(1) The absolute maximum input voltage is limited at 7V.
(2) Input voltages outside the supply voltage will be clamped by ESD protection diodes. If the input voltage exceeds the supply voltage,
the input current must be limited 10 mA or less by using a restriction resistance.
(3) Differential voltage is the voltage difference between +INPUT and - INPUT.
For supply voltage less than +7V, the absolute maximum rating is equal to the supply voltage.
(4) The absolute maximum of Output Terminal Input Voltage is limited at 7V.
(5) 2-Layer:Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2-layer FR-4)
4-Layer:Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4-layer FR-4), internal Cu area: 74.2 x 74.2mm
(6) 2-Layer:Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 2-layer FR-4, with Exposed Pad)
4-Layer:Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 4-layer FR-4, with Exposed Pad)
*For 4-layer: Applying 99.5×99.5mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5
NJU77240 F (TE1)
Part Number
Package
Taping Form
-INPUT
+INPUT
OUTPUT
V+
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com