Electronic Components Datasheet Search
  English  ▼

X  

NJU77241F Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU77241F
Description  Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU77241F Datasheet(HTML) 3 Page - New Japan Radio

  NJU77241F Datasheet HTML 1Page - New Japan Radio NJU77241F Datasheet HTML 2Page - New Japan Radio NJU77241F Datasheet HTML 3Page - New Japan Radio NJU77241F Datasheet HTML 4Page - New Japan Radio NJU77241F Datasheet HTML 5Page - New Japan Radio NJU77241F Datasheet HTML 6Page - New Japan Radio NJU77241F Datasheet HTML 7Page - New Japan Radio NJU77241F Datasheet HTML 8Page - New Japan Radio NJU77241F Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
- 3 -
Ver.6
http://www.njr.com/
NJU77240/NJU77241/NJU77242
■ THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Junction-to-Ambient Thermal Resistance
SOT-23-5
(7)
SC-88A
(7)
DFN6-G1
(8)
MSOP8 (TVSP8)
(7)
DFN8-U1
(8)
θja
2-Layer / 4-Layer
259 / 193
352 / 256
381 / 106
244 / 185
278 / 107
°C /W
Junction-to-Top of Package Characterization Parameter
SOT-23-5
(7)
SC-88A
(7)
DFN6-G1
(8)
MSOP8 (TVSP8)
(7)
DFN8-U1
(8)
ψjt
2-Layer / 4-Layer
67 / 58
91 / 73
64 / 26
51 / 45
42 / 25
°C /W
(7) 2-Layer:Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2-layer FR-4)
4-Layer:Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4-layer FR-4), internal Cu area: 74.2 x 74.2mm
(8) 2-Layer:Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 2-layer FR-4, with Exposed Pad)
4-Layer:Mounted on glass epoxy board. (101.5×114.5×1.6mm: based on EIA/JEDEC standard, 4-layer FR-4, with Exposed Pad)
*For 4-Layer: Applying 99.5×99.5mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5)
■ POWER DISSIPATION vs. AMBIENT TEMPERATURE
■ RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Single Supply
Dual Supply
V
+- V-
V
+ / V-
1.8 to 5.5
±0.9 to ±2.75
V
Operating Temperature Range
Topr
- 40 to 125
°C
Output Terminal Input Voltage
Vo
V
- to V-+5.5
V
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
Ambient Temperature Ta [ºC]
Power Dissipation vs. Temperature
2-Layer
SOT-23-5
SC-88A
DFN6-G1(ESON6-G1)
MSOP8(TVSP8)
DFN8-U1(ESON8-U1)
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
150
Ambient Temperature Ta [ºC]
Power Dissipation vs. Temperature
4-Layer
SOT-23-5
SC-88A
DFN6-G1(ESON6-G1)
DFN8-U1(ESON8-U1)
MSOP8(TVSP8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com