Electronic Components Datasheet Search
  English  ▼

X  

NJU77241F Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU77241F
Description  Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU77241F Datasheet(HTML) 4 Page - New Japan Radio

  NJU77241F Datasheet HTML 1Page - New Japan Radio NJU77241F Datasheet HTML 2Page - New Japan Radio NJU77241F Datasheet HTML 3Page - New Japan Radio NJU77241F Datasheet HTML 4Page - New Japan Radio NJU77241F Datasheet HTML 5Page - New Japan Radio NJU77241F Datasheet HTML 6Page - New Japan Radio NJU77241F Datasheet HTML 7Page - New Japan Radio NJU77241F Datasheet HTML 8Page - New Japan Radio NJU77241F Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
- 4 -
Ver.6
http://www.njr.com/
NJU77240/NJU77241/NJU77242
■ ELECTRICAL CHARACTERISTICS
●
DC CHARACTERISTICS
(Unless otherwise specified, V
+=3V, V-=0V, Ta=25°C) °C
●
SWITCHING CHARACTERISTICS
(Unless otherwise specified, V
+=+3V, V-=0V, Ta=25°C, C
L=15pF, RL=5.1kΩ)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay Low to High
tPLH
Overdrive=100mV
-
840
-
ns
Propagation Delay High to Low
tPHL
Overdrive =100mV
-
450
-
ns
Output Signal Rising Time
tTLH
Overdrive =100mV
-
260
-
ns
Output Signal Falling Time
tTHL
Overdrive =100mV
-
7
-
ns
■ TIMING WAVEFORM
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current (per comparator)
ISUPPLY
VID=100mV,VCOM=0V, RL=∞
-
6
10
µA
VID=100mV,VCOM=3V, RL=∞
-
9
14
µA
Input Offset Voltage
VIO
VCOM=0V
-
1
6
mV
VCOM=3V
-
1
7
mV
Input Offset Current
IIO
-
1
-
pA
Input Bias Current
IB
-
1
-
pA
Common Mode Input Voltage Range
VICM
CMR≥50dB
0
-
3
V
Open-Loop Voltage Gain
Av
RL=5.1kΩ
-
100
-
dB
Common Mode Rejection Ratio
CMR
VICM=0V to 3V
50
70
-
dB
Supply Voltage Rejection Ratio
SVR
VCOM=0V, V
+=1.8V to 5.5V,
65
85
-
dB
Output Leakage Current
ILEAK
VO=3.0V
-
0.001
500
nA
Low-level Output Voltage
VOL
ISINK=3mA
-
0.2
0.3
V
10%
50%
90%
tTLH
tPLH
10%
50%
90%
tTHL
tPHL
Over Drive
Over Drive
V
OH
V
OL
V
IN
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com