Electronic Components Datasheet Search
  English  ▼

X  

NJU77241F Datasheet(PDF) 13 Page - New Japan Radio

Part # NJU77241F
Description  Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU77241F Datasheet(HTML) 13 Page - New Japan Radio

Back Button NJU77241F Datasheet HTML 9Page - New Japan Radio NJU77241F Datasheet HTML 10Page - New Japan Radio NJU77241F Datasheet HTML 11Page - New Japan Radio NJU77241F Datasheet HTML 12Page - New Japan Radio NJU77241F Datasheet HTML 13Page - New Japan Radio NJU77241F Datasheet HTML 14Page - New Japan Radio NJU77241F Datasheet HTML 15Page - New Japan Radio NJU77241F Datasheet HTML 16Page - New Japan Radio NJU77241F Datasheet HTML 17Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
- 13 -
Ver.6
http://www.njr.com/
NJU77240/NJU77241/NJU77242
・
EMIRR (EMI Rejection Ratio) Definition
EMIRR is a parameter indicating the EMI robustness of an OP-Amp. The definition of EMIRR is given by the following a
formula (1). We can grasp the tolerance of the RF signal by measuring an RF signal and offset voltage shift quantity.
VRF_PEAK :RF Signal Amplitude [ VP ]
Δ
VIO :Input offset voltage shift quantity [ V ]
Offset voltage shift is small so that a value of EMIRR is big. And it understands that the tolerance for the RF signal is high. In
addition, about the input offset voltage shift with the RF signal, there is the thinking that influence applied to the input terminal is
dominant. Therefore, generally the EMIRR becomes value that applied an RF signal to +INPUT terminal.
*For details, refer to " Application Note for EMI Immunity" in our HP: http://www.njr.com/
…
(1)
EMIRR=20∙log
ቆVRF_PEAK
|∆VIO|
ቇ
0
20
40
60
80
100
120
100M
1G
10G
Frequency [Hz]
EMIRR vs. Frequency
V+=3V, V-=0V, VREF=1.5V, VRF_PEAK=100mVPP
Figure3. EMIRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com