Electronic Components Datasheet Search
  English  ▼

X  

AP3128 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3128 Datasheet HTML 1Page - Diodes Incorporated AP3128 Datasheet HTML 2Page - Diodes Incorporated AP3128 Datasheet HTML 3Page - Diodes Incorporated AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
5 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Electrical Characteristics (@TA = +25°C, VCC = 16V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Power Supply Voltage (VCC Pin)
IST
Startup Current
—
—
1
10
μA
ICC
Operating Supply Current
VFB = 2.5V, CGATE = 1nF
1.5
2
2.5
mA
IBURST
Operating Current at Burst
VFB = 0V, CGATE = 1nF
—
0.25
—
mA
VST
Turn-On Threshold Voltage
—
14.8
15.8
16.8
V
VCC-UVLO
VCC UVLO Voltage
—
—
6.5
7
V
VCC-OVP
VCC OVP Threshold Voltage
—
50
55
—
V
HV Section(HV Pin)
ICHARGE
Charge Current
VCC = 10V, VHV = 50V
—
2
—
mA
VBR-IN
Brown In Voltage
—
92
102
112
V
VBR-HYS
Voltage Gap between Brown-In
and Brown-Out Voltage.
—
7
8.5
—
V
tBR-OUT
Delay of Brown Out (Note 5)
—
—
64
—
ms
PWM Section/Oscillator Section
tON
-MAX
Maximum On Time
—
—
10
—
μs
fPWM-MAX
Maximum Clamp Frequency
—
90
105
120
kHz
fPWM-CCM
CCM Oscillation Frequency
—
72
80
88
kHz
fOSC-MIN
Minimum Clamp Frequency
—
20
23
—
kHz
fOSC-JITTER
Frequency Dithering (Note 5)
—
—
±6
—
%
Current Sense Section (SENSE Pin)
VCS-MAX
Maximum SENSE Voltage
VDEM = 3.1V
0.51
0.56
0.61
V
VTH-FOCP
FOCP Voltage
—
1.0
1.2
1.4
V
tDELAY-FOCP
FOCP Debounce Time
(Note 5)
—
—
7
—
Cycles
tLEB
LEB Time of SENSE
—
—
400
500
ns
Feedback Input Section (FB Pin)
KFB-CS
The Ratio of FB Input Voltage
to Current Sense Voltage
—
—
6
—
V/V
RFB
Input Impedance
—
—
32
—
kΩ
Note:
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com