Electronic Components Datasheet Search
  English  ▼

X  

AP3128 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3128 Datasheet HTML 2Page - Diodes Incorporated AP3128 Datasheet HTML 3Page - Diodes Incorporated AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated AP3128 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
6 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Electrical Characteristics (@TA = +25°C, VCC = 16V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tDELAY-OLP
Delay of Overcurrent
Protection (Note 5)
—
—
64
—
ms
IFB-SOURCE
Source Current
VFB = 0V
—
0.15
—
mA
VBURST-OFF
Input Voltage for Zero Duty
—
0.45
0.5
0.55
V
VBURST-ON
—
—
0.63
0.70
0.77
V
Output Section (GATE Pin)
VGATE-L
Output Low-Level Voltage
IO = 10mA, VCC = 18V
—
—
0.8
V
VGATE-H
Output High-Level Voltage
IO = 10mA, VCC = 18V
7
—
—
V
VGATE-CLP
Output Clamping Voltage
—
8
9.5
12
V
tGATE-RISE
Rising Time (Note 5)
CL = 1nF, VCC = 18V
—
70
—
ns
tGATE-FALL
Falling Time (Note 5)
CL = 1nF, VCC = 18V
—
20
—
ns
De-magnetization Section (DEM Pin)
VQR
De-Magnetization Voltage
(Note 5)
—
—
100
—
mV
VTH-SOVP
SOVP Threshold
—
3
3.2
3.4
V
VTH-SUVP
SUVP Threshold
—
0.34
0.4
0.46
V
tSAMPLE
Sample Delay Time (Note 5)
—
—
1.2
—
µs
Internal OTP Section
OTP
OTP Threshold
—
—
+150
—
°C
THYS
OTP Recovery Hysteresis
—
—
+25
—
°C
Note:
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com