Electronic Components Datasheet Search
  English  ▼

X  

AP3128 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3128 Datasheet HTML 1Page - Diodes Incorporated AP3128 Datasheet HTML 2Page - Diodes Incorporated AP3128 Datasheet HTML 3Page - Diodes Incorporated AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
1 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Description
The AP3128 is a peak-current control, multi-mode (QR+CCM) PWM
controller optimized for high performance, low standby power and
cost-effective offline flyback converters.
At no load or light load, the IC will enter burst mode to minimize
standby power consumption. The minimum switching frequency is set
to avoid audible noise. When the load increases, the IC will enter QR
mode with frequency foldback to improve system efficiency and EMI
performance. The maximum switching frequency about 105kHz is set
to clamp the QR frequency to reduce switching power loss.
Furthermore, the frequency dithering function is built in to reduce EMI
emission.
Internal piecewise linear line compensation ensures constant output
power limit over the entire universal line voltage range.
Comprehensive protection features are included, such as brown-out
protection, cycle-by-cycle current limit (OCP), VCC Overvoltage
Protection (VOVP), Secondary-side Output OVP (SOVP) and UVP
(SUVP), internal OTP, Overload Protection (OLP),
and pins’ fault
protection.
Features
Multi-Mode Control
Quasi-Resonant (QR) Operation at High Line Voltage
Continuous Current Mode (CCM) Operation at Low Line Voltage
Non-Audible-Noise Quasi-Resonant Control
Soft Start During Startup Process
Frequency Fold Back for High Average Efficiency
Constant Over Current Protection
Secondary Winding Short Protection with FOCP
Frequency Dithering for Reducing EMI
Useful Pin Fault Protection:
SENSE Pin Floating
FB/Opto-Coupler Open/Short
Comprehensive System Protection Feature:
VCC Overvoltage Protection (VOVP)
Overload Protection (OLP)
Brown Out Protection (BNO)
Secondary Side OVP (SOVP) and UVP (SUVP)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
DEM
GATE
VCC
GND
FB
CS
NC
HV
SO-8
Applications
Cell Phone Charger
Power Delivery (PD) Application
ATX/BTX Auxiliary Power
Set -Top Box (STB) Power Supply
Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3128

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
AP31251W6-7 DIODES-AP31251W6-7 Datasheet
412Kb / 13P
GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
AP3125A DIODES-AP3125A Datasheet
485Kb / 13P
GREEN MODE PWM CONTROLLER
Rev 2
AP3125AKTR-G1 DIODES-AP3125AKTR-G1 Datasheet
485Kb / 13P
GREEN MODE PWM CONTROLLER
Rev 2
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
GREEN MODE PWM CONTROLLER
Rev 3
More results

Similar Description - AP3128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3108L DIODES-AP3108L Datasheet
1Mb / 16P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev 4
AP3108LS DIODES-AP3108LS Datasheet
999Kb / 16P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev. 3 - 2 February 2021
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com