Electronic Components Datasheet Search
  English  ▼

X  

AP3128 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated AP3128 Datasheet HTML 10Page - Diodes Incorporated AP3128 Datasheet HTML 11Page - Diodes Incorporated AP3128 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
9 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Operation Description (continued)
SOVP Protection Function
For some applications, the system requires the output overvoltage protection function. The DEM pin will comapre the divided voltage from the VCC
winding with the inner threshold. When the voltage between RDEM and RSOVP is higher than VTH-SOVP during primary power MOSFET turning off
duration, the AP3128 will trigger SOVP function and the system will enter the latch protection mode. The Secondary Output Voltage Protection
(SOVP) can be achieved by this function since the value of the VCC winding
’s waveform reflects the output voltage precisely.
Other System Protection and Pin Fault Protection
The AP3128 provides versatile system and pin fault protections. The OCP comparator realizes the cycle-by-cycle current limiting (OCP). In universal
input line voltage, the IC realizes the constant over load protection (OLP). VCC overvoltage protection can be applied as the primary OVP or opto-
coupler broken protection. The AP3128 also has pin fault connection protection, including floating and short connection. The floating pin protection
includes the SENSE, FB, etc. The short pin protection includes the DEM pin short protection. When these pins are floated or the DEM pin is shorted
to ground, PWM switching will be disabled, thus protecting the power system.
Internal OTP Protection Function
The AP3128 integrates an internal temperature sensor. It has a trigger window of entering OTP mode at +150°C and exiting at +125°C. The internal
OTP protection mode is auto-recovery mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com