Electronic Components Datasheet Search
  English  ▼

X  

AP3128 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated AP3128 Datasheet HTML 10Page - Diodes Incorporated AP3128 Datasheet HTML 11Page - Diodes Incorporated AP3128 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
10 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Ordering Information
AP3128
X - X
Package
S: SO-8 (Type A1)
13 : 13" Tape and Reel
Product Name
Packing
Package
Temperature Range
Part Number
Marking ID
13
’’Tape and Reel
Quantity
Part Number
Suffix
SO-8 (Type A1)
-40°C to +85°C
AP3128S-13
3128
2500/Tape and Reel
-13
Marking Information
3128
(Top View)
YY WW X X
Logo
WW : Week : 01 to 52; 52
YY : Year : 21, 22, 23~
X X : Internal Code
8
7
6
5
1
2
3
4
Represents 52 and 53 Week
Marking ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com