Electronic Components Datasheet Search
  English  ▼

X  

AP3128 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3128
Description  HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3128 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3128 Datasheet HTML 4Page - Diodes Incorporated AP3128 Datasheet HTML 5Page - Diodes Incorporated AP3128 Datasheet HTML 6Page - Diodes Incorporated AP3128 Datasheet HTML 7Page - Diodes Incorporated AP3128 Datasheet HTML 8Page - Diodes Incorporated AP3128 Datasheet HTML 9Page - Diodes Incorporated AP3128 Datasheet HTML 10Page - Diodes Incorporated AP3128 Datasheet HTML 11Page - Diodes Incorporated AP3128 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP3128
Document number: DS43487 Rev. 3 - 2
11 of 12
www.diodes.com
September 2021
© Diodes Incorporated
AP3128
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8 (Type A1)
SO-8 (Type A1)
Dim
Min
Max
Typ
A
--
1.75
--
A1
0.10
0.25
--
A2
1.25
--
--
b
0.31
0.51
--
c
0.10
0.25
--
D
4.90 BSC
E
6.00 BSC
E1
3.90 BSC
e
1.27BSC
h
0.25
0.50
--
L
0.40
1.27
--
θ
0
8
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8 (Type A1)
Dimensions Value (in mm)
C
1.27
X
0.60
Y
1.55
Y1
5.40
Mechanical Data
Moisture Sensitivity: Level 1 per JESD22-A113
Terminals: Finish
– Matte Tin Plated Leads, Solderable per JESD22-B102
Weight: 0.079 grams (Approximate)
D
A
A1
e
b
E1
E
c
A2
Seating Plane
L
Gauge Plane
0.25
hx45°
0°
X
Y
Y1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com