Electronic Components Datasheet Search
  English  ▼

X  

AP3306 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 2Page - Diodes Incorporated AP3306 Datasheet HTML 3Page - Diodes Incorporated AP3306 Datasheet HTML 4Page - Diodes Incorporated AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
6 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Electrical Characteristics (@ TA = +25°C, VCCL = 18V, unless otherwise specified.) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Output Section (GDH/GDL Pin)
VGDL-L
Output Low-Level Voltage
IO = 10mA, VCCL = 18V
—
—
0.8
V
VGDL-H
Output High-Level Voltage
IO = 10mA, VCCL = 18V
7
—
—
V
VGDL-CLP
High-Level Clamping Voltage
VCCL = 18V
8
9.5
11
V
tGDL-RISE
Rising Time (Note 5)
CL = 1nF, VCCL = 18V
—
70
200
ns
tGDL-FALL
Falling Time (Note 5)
CL = 1nF, VCCL = 18V
—
20
80
ns
VGDH-L
Output Low-Level Voltage
(Note 6)
IO = 10mA, VCCL = 18V
—
—
0.8
V
VGDH-H
Output High-Level Voltage
(Note 6)
IO = 10mA, VCCL = 18V
7
—
—
V
VGDH-CLP
High-Level Clamping Voltage
(Note 6)
VCCL = 18V
8
9.5
11
V
tGDH-RISE
Rising Time (Note 5)
CL = 0.5nF, VCCL = 18V
—
100
250
ns
tGDH-FALL
Falling Time (Note 5)
CL = 0.5nF, VCCL = 18V
—
30
100
ns
De-Magnetization Section (DEM Pin)
VQR
Demagnetization Voltage
—
—
100
—
mV
ITH-ZVS
ZVS Mode Thershold.
—
315
—
µA
VTH-SOVP
SOVP Threshold
—
3.0
3.2
3.4
V
VTH-SUVP
SUVP Threshold
—
0.34
0.4
0.46
V
tSAMPLE
Sample Delay Time (Note 5)
—
—
1.8
—
µs
LDO Section ( VCCH Pin/VCCL Pin)
VTHLDO-ON
LDO turn-on threshold
VCCH = 20V
8.5
9.5
—
V
VTHLDO-OFF
LDO turn-off threshold
VCCH = 30V
—
—
20
V
ILDO
Operating Current
VCCL = 8V, VCCH = 12.5V
4
—
—
mA
Internal OTP Section
TOTP
OTP Threshold
—
—
+150
—
°C
THYS
OTP Recovery Hysteresis
—
—
+25
—
°C
Note:
5. Guaranteed by design.
6. AP3306 controls a PMOS switch by driving the gate of the PMOS with GDH and connecting the source of the PMOS to VCCL. Thus, the spec. VGDH-L
shows the small voltage difference between VCCL pin and GDH pin for turning off the PMOS, and the spec. VGDH-H shows the large voltage difference for
turning on. Furthermore, the tGDH-RISE measures the increasing of voltage difference between VCCL pin and GDH pin and the tGDH-FALL measures the
decreasing of voltage difference between VCCL pin and GDH pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com