Electronic Components Datasheet Search
  English  ▼

X  

AP3306 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated AP3306 Datasheet HTML 11Page - Diodes Incorporated AP3306 Datasheet HTML 12Page - Diodes Incorporated AP3306 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
9 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Operation Description (continued)
If Fault Occurs
GATE
Vcc
I_CHG
VST
VCC-UVLO
6V
I CHARGE-L
I CHARGE - H
I CHARGE-FAULT
I CHARGE-H
0mA
0mA
Figure 6. HV to VCCL Charge Current
X-CAP Discharge Function
To attenuate the differential-mode noise for higher power applications, an X-CAP is used before the rectifier bridge. Also present are paralleled
resistors to discharge the X-CAP for safety consideration when the AC line is off. The paralleled resistors have large power dissipation and will
increase standby power. The AP3306 integrates an X-CAP discharge function to replace discharge resistors and decrease the standby power.
This function contains two processes; the first process detects the condition of the AC line through the HV pin, with the detected voltage named VB.
When the system is plugged in, an inner timer of 40ms within the AP3306 begins to work. Meanwhile, a phase-drifted and filtered signal VC is
generated based on VB, compared to VB with VC, as shown in Figure 7.
Whenever signal VC crosses over with signal VB, the inner 40ms timer will reset, representing that the AC line is on. If the system is disconnected
from the AC line, the cross-over signal of VC and VB will disappear and the 40ms timer will continue to count until it reaches 40ms. At this moment,
the second process (discharge process) will come into effect and a 1.7mA discharge current will flow through the HV pin to GND, lasting for 40ms.
After the AC line is off, the first process and the second process will act alternately until the HV pin voltage is discharged below 10V, even when
the VCC voltage is lower than VCC-UVLO.
Vb
Vc
Timer
Reset
IDISCH-X
X-CAP Discharge Current
0mA
40ms
0mA
Figure 7. X-CAP Discharge
Built-In VCC LDO
The AP3306 integrates a VCC LDO circuitry. The LDO regulates the wide-range VCC_IN, which is rectified from auxiliary winding to an acceptable
value. This makes the AP3306 a good choice in wide-range output-voltage applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com