Electronic Components Datasheet Search
  English  ▼

X  

AP3306 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3306 Datasheet HTML 1Page - Diodes Incorporated AP3306 Datasheet HTML 2Page - Diodes Incorporated AP3306 Datasheet HTML 3Page - Diodes Incorporated AP3306 Datasheet HTML 4Page - Diodes Incorporated AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
1 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
Description
The
DIODES™ AP3306 is a highly integrated Active Clamp Flyback
(ACF) controller optimally designed for offline power supplies to meet
ultra-low standby power, high power density, and comprehensive
protection requirements. The controller realizes non-complimentary
high-low-side control mechanisms to achieve Leakage Energy
Recycling and Zero Voltage Switching (ZVS) for supreme-efficiency
performance.
The AP3306 provides a high-voltage start-up function through the HV
pin, reducing standby loss. Moreover, the AP3306 integrates a VCCL
LDO circuit, allowing the LDO to regulate the wide range VCCL to an
acceptable value. This makes the AP3306 an ideal candidate for
wide-range output-voltage applications, such as USB-PD. The built-in
frequency dithering function greatly eases EMI design as well.
At no load or light load, the IC will enter burst mode to minimize
standby power consumption. The minimum switching frequency
(about 22kHz) is set to avoid audible noise. When the load increases,
the IC will enter ACF mode with frequency foldback to improve
system efficiency and EMI performance. The maximum switching
frequency (about 130kHz or 200kHz optional) is set to clamp the
switching frequency to reduce switching power loss.
Comprehensive protection features are included, such as Brown-Out
Protection (BNO), Cycle-by-Cycle Overcurrent Protection (OCP), VCC
Overvoltage Protection (VOVP), Secondary-Side Output OVP (SOVP)
and UVP (SUVP), internal Overtemperature Protection (OTP),
Overload Protection (OLP), and Pin Fault Protection.
Features
Active Clamp Flyback Topology with Recycled Leakage Energy
and Pseudo Zero Voltage Switching Functions
High-Voltage Startup
Embedded VCC LDO for VCCL Pin to Guarantee Wide Range
Output Voltage
Non-Audible-Noise Quasi-Resonant Control
Soft Start During Startup Process
Frequency Foldback for High Average Efficiency
Secondary Winding Short Protection with FOCP
Frequency Dithering for Reducing EMI
X-CAP Discharge Function
Useful Pin Fault Protection
CS Pin Floating Protection
FB/Opto-Coupler Open/Short Protection
Comprehensive System Protection Features:
VCC Overvoltage Protection (VOVP)
Overload Protection (OLP)
Brown-Out Protection (BNO)
Secondary-Side OVP (SOVP) and UVP (SUVP)
Packaged in the SO-10 (Type A1)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
1
2
3
4
10
9
8
7
VCCH
DEM
VCCL
HV
GND
CS
NC
FB
6
GDL
5
GDH
SO-10 (Type A1)
Applications
Smartphone quick chargers
Notebook computer adapters
High-Power density adapters/chargers: 30W/inch
3
Compact switching AC-DC adapter/charger
Suitable for variable output voltage applications (USB PD, QC,
SCP, VSCP, VOOC, AFC, etc.)
ATX/BTX auxiliary power applications
Set-top box (STB) power supplies
Open-frame switching power supplies
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3306

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3301 DIODES-AP3301 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3301K6TR-G1 DIODES-AP3301K6TR-G1 Datasheet
568Kb / 16P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Advanced Power Electron...
AP3302H A-POWER-AP3302H Datasheet
77Kb / 4P
N-CHANNEL ENHANCEMENT MODE
AP3302J A-POWER-AP3302J Datasheet
77Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - AP3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
logo
Texas Instruments
UCC28780 TI1-UCC28780 Datasheet
1Mb / 49P
Adaptive ZVS Active-Clamp Flyback Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
logo
ON Semiconductor
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1568 ONSEMI-NCP1568 Datasheet
823Kb / 42P
AC-DC Active Clamp Flyback PWM IC
July, 2020 ??Rev. 4
NCP1568 ONSEMI-NCP1568_V01 Datasheet
811Kb / 42P
AC-DC Active Clamp Flyback PWM IC
August, 2021 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com