Electronic Components Datasheet Search
  English  ▼

X  

AP3306 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated AP3306 Datasheet HTML 11Page - Diodes Incorporated AP3306 Datasheet HTML 12Page - Diodes Incorporated AP3306 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
10 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Operation Description (continued)
Brown-In/Out Protection
To avoid potential high-current stress at low-line voltage, the AP3306 introduces a reliable brown-out protection. The AC line voltage is detected
through the HV pin. A pair of high-voltage diodes are connected to the AC line, which will rectify the AC input voltage to a double-frequency
positive voltage referring to GND. A 20k
Ω resistor is recommended to be added to improve surge immunity. When the voltage across the HV pin is
higher than VBR-IN for about 100µs once tBR-IN and VCC reaches VST, the GDL pin will output drive signals and the system will start to work. If the
HV pin voltage falls below VBR-OUT and lasts for 50ms of tBR-OUT, the GDL pin will turn off and the system will shut down until the line voltage rises
over its brown-in voltage again.
SOVP/SUVP Protection
The AP3306 provides output OVP and UVP protection functions. The auxiliary winding voltage during the secondary rectifier conducting period
reflects the output voltage. A voltage divide network is connected to the auxiliary winding and DEM pin. The DEM pin will detect the equivalent
output voltage with a delay of tSAMPLE from the falling edge of the GATE driver signal, as shown in Figure 8. The detected voltage will be compared
to the SOVP and SUVP threshold voltage VTH-SOVP and VTH-SUVP. If the SOVP threshold is reached continuously by seven switching cycles,
SOVP protection will trigger. If the SUVP threshold is reached continuously and the FB voltage is pulled high, SUVP protection will trigger. The
AP3306 will shut down after protection is triggered and the system will restart when the VCC voltage falls below the UVLO voltage.
To prevent a false-trigger of SUVP during the start-up process, a blank time of tBLANK-SUVP is set, during which the SUVP protection function is
ignored.
VAUX
VDEM
0V
Gate
tSAMPLE
System Protection
LOVP, FOCP, SSCP, VCC OVP, OTP
The AP3306 provides versatile protections to ensure the reliability of the power system. LOVP achieves line-voltage overvoltage protection. If the
detected AC line voltage is higher than VLOVP for seven switching cycles, the LOVP protection will trigger.
FOCP protection is an ultra-fast short-current protection, which is helpful to avoid catastrophic damage of the system when the secondary rectifier
is short. The primary peak current will be monitored by the CS pin through a primary sense resistor. Whenever the sampled voltage reaches the
threshold of VTH-FOCP for seven switching cycles continuously, FOCP protection will activate to shut down the switching pulse.
SSCP may trigger at ultra-low DC bus voltage conditions or other failure conditions that short the CS pin to ground. The SSCP module senses the
voltage across the primary sense resistor with a delay of 3µs after the rising edge of primary GATE signal. This sensed signal is compared with
VTH-SSCP. If it is lower than VTH-SSCP for seven switching cycles, the SSCP protection will trigger and the driving signal will disable.
All the protections described above will restart the system when the VCC voltage falls below UVLO.
Figure 8. Secondary-Side Voltage Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com