Electronic Components Datasheet Search
  English  ▼

X  

AP3306 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated AP3306 Datasheet HTML 11Page - Diodes Incorporated AP3306 Datasheet HTML 12Page - Diodes Incorporated AP3306 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
12 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-10 (Type A1)
SO-10 (Type A1)
Dim
Min
Max
Typ
A
--
1.75
--
A1
0.10
0.25
--
A2
1.25
--
--
b
0.30
0.45
--
c
0.10
0.25
--
D
4.90 BSC
E
6.00 BSC
E1
3.90 BSC
e
1.00 BSC
h
0.25
0.50
--
L
0.40
1.27
--

0
8
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-10 (Type A1)
Dimensions Value (in mm)
C
1.00
C1
5.50
X
0.55
Y
1.30
Mechanical Data
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Finish—Matte Tin Annealed over Copper Leadframe; Solderable per MIL-STD-202, Method 208
Weight: 0.079 grams (Approximate)
E
E1
e
b
D
A
A2
A1
c
hx45°
L
0
C1
C
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com