Electronic Components Datasheet Search
  English  ▼

X  

AP3306 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3306
Description  HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3306 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3306 Datasheet HTML 5Page - Diodes Incorporated AP3306 Datasheet HTML 6Page - Diodes Incorporated AP3306 Datasheet HTML 7Page - Diodes Incorporated AP3306 Datasheet HTML 8Page - Diodes Incorporated AP3306 Datasheet HTML 9Page - Diodes Incorporated AP3306 Datasheet HTML 10Page - Diodes Incorporated AP3306 Datasheet HTML 11Page - Diodes Incorporated AP3306 Datasheet HTML 12Page - Diodes Incorporated AP3306 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP3306
Document number: DS42803 Rev. 6 - 2
11 of 13
www.diodes.com
May 2022
© Diodes Incorporated
AP3306
Ordering Information
AP3306
X - X
Product Name
Packing
Package
13: 13 inch Tape and Reel
S10 : SO-10 (Type A1)
Part Number
Marking ID
Package
Packing
AP3306S10-13
AP3306
SO-10 (Type A1)
2,500/13
” Tape and Reel
Marking Information
SO-10 (Type A1)
AP3306
(Top View)
YY WW X X
Marking ID
Logo
WW : Week : 01 to 52;
YY : Year : 21, 22, 23~
X X : Internal Code
1
2
3
4
52 Represents 52 and 53
Week
5
10
8
7
6
9
○



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com