Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA351
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA351 Datasheet HTML 5Page - Texas Instruments INA351 Datasheet HTML 6Page - Texas Instruments INA351 Datasheet HTML 7Page - Texas Instruments INA351 Datasheet HTML 8Page - Texas Instruments INA351 Datasheet HTML 9Page - Texas Instruments INA351 Datasheet HTML 10Page - Texas Instruments INA351 Datasheet HTML 11Page - Texas Instruments INA351 Datasheet HTML 12Page - Texas Instruments INA351 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
0
5
10
15
20
25
30
35
40
45
50
Input Bias Current (pA)
H14_
TA = 85°C
N = 72
μ = 3.3 pA
σ = 0.53 pA
Figure 7-7. Typical Distribution of Input Bias Current
0
10
20
30
40
50
60
70
Input Offset Current (pA)
H16_
TA = 85°C
N = 36
μ = 0.05 pA
σ = 0.30 pA
Figure 7-8. Typical Distribution of Input Offset Current
0
3
6
9
12
15
18
21
24
Input Common-Mode Rejection Ratio (uV/V)
H17_
G = 10
N = 36
μ = -0.30 μV/V σ = 7.10 μV/V
Figure 7-9. Typical Distribution of CMRR
0
4
8
12
16
20
24
28
Input Common-Mode Rejection Ratio (uV/V)
H18_
G = 20
N = 36
μ = -0.27 μV/V σ = 7.20 μV/V
Figure 7-10. Typical Distribution of CMRR
0
5
10
15
20
25
30
35
40
45
50
Gain Error (%)
H21_
G = 10
N = 36
μ = 0.002 %
σ = 0.02 %
Figure 7-11. Typical Distribution of Gain Error
0
5
10
15
20
25
30
35
40
45
Gain Error (%)
H22_
G = 20
N = 36
μ = -0.02 %
σ = 0.02 %
Figure 7-12. Typical Distribution of Gain Error
www.ti.com
INA351
SBOSAD5 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com