Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA351
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA351 Datasheet HTML 26Page - Texas Instruments INA351 Datasheet HTML 27Page - Texas Instruments INA351 Datasheet HTML 28Page - Texas Instruments INA351 Datasheet HTML 29Page - Texas Instruments INA351 Datasheet HTML 30Page - Texas Instruments INA351 Datasheet HTML 31Page - Texas Instruments INA351 Datasheet HTML 32Page - Texas Instruments INA351 Datasheet HTML 33Page - Texas Instruments INA351 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
• Use bypass capacitors to reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Route the input traces as far away from the supply or output traces as possible to reduce parasitic coupling. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than crossing
in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Keep the traces as short as possible.
9.4.2 Layout Example
Use ground pours for
shielding the input
signal pairs
1
GS
8
SHDN
2
–IN
7
VS+
3
+IN
6
OUT
4
VS
5
REF
R1
R2
C1
C2
GND
GND
+V
–IN
+IN
OUT
Input traces routed
adjacent to each other
–
V
Ground plane
removed at gain
resistor to minimize
parasitic capacitance
Low-impedance
connection for
reference terminal
Place bypass
capacitors as close to
IC as possible
+IN
–IN
+V
OUT
–V
R1
R2
C1
C2
INA351ABS
GND
_____
Figure 9-7. Example Schematic and Associated PCB Layout
INA351
SBOSAD5 – DECEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com