Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA351
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA351 Datasheet HTML 8Page - Texas Instruments INA351 Datasheet HTML 9Page - Texas Instruments INA351 Datasheet HTML 10Page - Texas Instruments INA351 Datasheet HTML 11Page - Texas Instruments INA351 Datasheet HTML 12Page - Texas Instruments INA351 Datasheet HTML 13Page - Texas Instruments INA351 Datasheet HTML 14Page - Texas Instruments INA351 Datasheet HTML 15Page - Texas Instruments INA351 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
Input Common-Mode Voltage (V)
-2.75
-2
-1.25
-0.5
0.25
1
1.75
2.5
100
110
120
130
140
150
160
170
C03_
V+ = 2.75 V and V– = –2.75 V
Figure 7-25. Quiescent Current vs Input Common-Mode Voltage
Supply Voltage (V)
1.75
2.25
2.75
3.25
3.75
4.25
4.75
5.25
-1200
-900
-600
-300
0
300
600
900
1200
C06_
G = 10
Figure 7-26. Input Referred Offset Voltage vs Supply Voltage
Supply Voltage (V)
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
80
90
100
110
120
C07_
Figure 7-27. Quiescent Current vs Supply Voltage
Output Current (mA)
0
5
10
15
20
25
30
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
C10_
Vs = 1.8 V
Vs = 5.5 V
Figure 7-28. Output Voltage vs Output Current (Sourcing)
Output Current (mA)
0
5
10
15
20
25
30
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
C11_
Vs = 1.8 V
Vs = 5.5 V
Figure 7-29. Output Voltage vs Output Current (Sinking)
Frequency (Hz)
-12
-6
0
6
12
18
24
30
36
42
48
10
100
1k
10k
100k
1M
A01_
G = 10
G = 20
G = 30
G = 50
Figure 7-30. Closed-Loop Gain vs Frequency
INA351
SBOSAD5 – DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com