Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA351
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA351 Datasheet HTML 6Page - Texas Instruments INA351 Datasheet HTML 7Page - Texas Instruments INA351 Datasheet HTML 8Page - Texas Instruments INA351 Datasheet HTML 9Page - Texas Instruments INA351 Datasheet HTML 10Page - Texas Instruments INA351 Datasheet HTML 11Page - Texas Instruments INA351 Datasheet HTML 12Page - Texas Instruments INA351 Datasheet HTML 13Page - Texas Instruments INA351 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
T01_
G = 10, 20, 30, 50
Figure 7-13. Input Referred Offset Voltage vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-0.2
-0.1
0
0.1
0.2
0.3
0.4
T05_
IB-
IB+
Figure 7-14. Input Bias Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-5
5
15
25
35
45
55
T06_
Figure 7-15. Input Offset Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
90
95
100
105
110
T07_
Vs = 1.8 V
Vs = 3.3 V
Vs = 5.5 V
Figure 7-16. Quiescent Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
100
300
500
700
900
1100
1300
1500
1700
T08_
Vs = 1.8 V
Vs = 3.3 V
Vs = 5.5 V
Figure 7-17. Shutdown Quiescent Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-60
-40
-20
0
20
40
60
T13_
ISC (-), VS = 3.3 V
ISC (-), VS = 5.5 V
ISC (+), VS = 3.3 V
ISC (+), VS = 5.5 V
Figure 7-18. Short Circuit Current vs Temperature
INA351
SBOSAD5 – DECEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com