Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 4 Page - Texas Instruments

  TMUXHS221 Datasheet HTML 1Page - Texas Instruments TMUXHS221 Datasheet HTML 2Page - Texas Instruments TMUXHS221 Datasheet HTML 3Page - Texas Instruments TMUXHS221 Datasheet HTML 4Page - Texas Instruments TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC-ABSMAX
Supply voltage
–0.5
4.0
V
VI/O-ABSMAX
Voltage
Data pins
–0.5
5.5
V
VIN-ABSMAX
Voltage
Control pins
–0.5
4.0
V
II/O-ABSMAX
ON-state switch current
Data pins
100
mA
TJ-ABSMAX
Junction temperature
–40
125
°C
TSTG
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±5000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC
Supply voltage
DC plus AC power should not
exceed these limits
3.0
3.3
3.6
V
VCCRAMP
Supply voltage ramp time
0.1
100
ms
VI/O
Voltage range for data signals (VI/O)
D, DA, DB
-0.3
3.6
V
TA
Operating free-air/ambient temperature
-40
125
°C
TJ
Device junction temperature
-40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMUXHS221
UNIT
NKG (UQFN)
10 PINS
RθJA
Junction-to-ambient thermal resistance - High K
225.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.5
°C/W
RθJB
Junction-to-board thermal resistance
147.5
°C/W
ψJT
Junction-to-top characterization parameter
3.4
°C/W
ψJB
Junction-to-board characterization parameter
147.1
°C/W
(1)
For more information about traditional and new thermalmetrics, see the Semiconductor and IC Package ThermalMetrics application
report.
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com