Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMUXHS221 Datasheet HTML 11Page - Texas Instruments TMUXHS221 Datasheet HTML 12Page - Texas Instruments TMUXHS221 Datasheet HTML 13Page - Texas Instruments TMUXHS221 Datasheet HTML 14Page - Texas Instruments TMUXHS221 Datasheet HTML 15Page - Texas Instruments TMUXHS221 Datasheet HTML 16Page - Texas Instruments TMUXHS221 Datasheet HTML 17Page - Texas Instruments TMUXHS221 Datasheet HTML 18Page - Texas Instruments TMUXHS221 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
11 Device and Documentation Support
11.1 Related Documentation
For related documenattion, see the following:
• Texas Instruments, High-Speed Layout Guidelines for Signal Conditioners and USB Hubs application note
11.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
11.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
11.4 Trademarks
SMBus™ is a trademark of Intel.
UART™ is a trademark of Synopsys, Inc.
DisplayPort™ is a trademark of VESA.
USB-C™ and USB Type-C™ are trademarks of USB Implementers Forum.
TI E2E™ is a trademark of Texas Instruments.
Mipi® is a registered trademark of MIPI Alliance, Inc.
PCIe® is a registered trademark of PCI-SIG.
All trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
11.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com