Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 5 Page - Texas Instruments

  TMUXHS221 Datasheet HTML 1Page - Texas Instruments TMUXHS221 Datasheet HTML 2Page - Texas Instruments TMUXHS221 Datasheet HTML 3Page - Texas Instruments TMUXHS221 Datasheet HTML 4Page - Texas Instruments TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
6.5 Electrical Characteristics
over operating free-air temperature and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Device active current
OEn = L
11
30
µA
ISTDN
Device shutdown current
OEn = H
1.3
4
µA
CON
Output ON capacitance to GND
OEn = L
1.7
pF
RON
Channel ON resistance
VI/O =0 V , IO = –8 mA
3
5.4
Ω
VI/O = 2.4 V, IO = –8 mA
3.9
8
Ω
RON,FLAT
Channel ON resistance flatness defined as
difference of RON over input voltage range
VI/O = 0 V and VI/O = 2.4 V; IO = –8 mA
1
Ω
ΔRON
On-resistance match between pairs for the same
channel at same VI/O, VCC and TA,
VI/O = 0 V; IO = –8 mA
0.5
Ω
VI/O = 2.4 V; IO = –8 mA
0.5
Ω
VIH
Input high voltage, control pins (OEn, SEL)
1.4
3.6
V
VIL
Input low voltage, control pins (OEn, SEL)
-0.3
0.4
IIH
Input high current, control pins (OEn, SEL)
VIN = 3.6 V
1
µA
IIL
Input low current, control pins (OEn, SEL)
VIN = 0 V
0.2
µA
II/O,H
Input high current, data pins (Dx, DAx, DBx)
VI/O = 3.6 V
2
µA
II/O,L
Input low current, data pins (Dx, DAx, DBx)
VI/O = 0 V
0.2
µA
IHIZ,I/O
Leakage current through turned off switch
OEn = H; VI/O = 3.6 V
2
µA
IOFF,IN
Failsafe leakage current for control pins (IN)
VCC = 0 V, VIN = 3.6 V
10
µA
IOFF,I/O
Failsafe leakage current for data pins (I/O)
VCC = 0 V, VI/O = 3.6 V
10
µA
6.6 High-Speed Performance Parameters
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
BW
–3-dB bandwidth
Relative to DC
3.3
GHz
IL
Differential insertion loss
ƒ = 10 MHz
-0.3
dB
ƒ = 240 MHz
-0.4
RL
Differential return loss
ƒ = 10 MHz
-32
dB
ƒ = 240 MHz
-22
OIRR
Differential OFF isolation (D to
DA/DB)
ƒ = 10 MHz
-56
dB
ƒ = 240 MHz
-32
XT
Differential cross-talk (DA to DB or
DB to DA)
ƒ = 10 MHz
-64
dB
ƒ = 240 MHz
-32
dB
6.7 Switching Characteristics
over operating free-air temperature and supply voltage range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tPD
Switch propagation delay
60
80
ps
tSW
Switching time CTRL-to-Switch ON (SEL toggles in
between H, L)
RL = 50 Ω, CL = 10 pF
1
µs
tOFF
Time required for device ON-to-OFF transition (OEn =
L to H)
RL = 50 Ω, CL = 10 pF
0.5
µs
tON
Time required for device OFF-to-ON transition (OEn =
H to L)
RL = 50 Ω, CL = 10 pF
16
µs
tSK_INTRA
Intra-pair output skew between positive and negative
for same differential channel
For Dx to DAx or DBx channels
2
10
ps
tSK_INTER
Inter-pair output skew between channels
For Dx to DAx or DBx channels
2
10
ps
www.ti.com
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com