Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments TMUXHS221 Datasheet HTML 10Page - Texas Instruments TMUXHS221 Datasheet HTML 11Page - Texas Instruments TMUXHS221 Datasheet HTML 12Page - Texas Instruments TMUXHS221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
7 Detailed Description
7.1 Overview
The TMUXHS221 is an analog passive mux with 2:1/1:2 multiplexer/demultiplexer that can work for any low-
speed, high-speed, differential or single ended signals. The signals must be within the allowable voltage range of
−0.3 to 3.6 V. The device is optimized for eUSB2 and USB 2.0 LS, FS, and HS signaling.
Excellent dynamic characteristics of the device allow high speed switching with minimal attenuation to the signal
eye diagram with very little added jitter. While the device is recommended for the interfaces up to 3 Gbps, actual
data rate where the device can be used highly depends on the electrical channels. For low loss channels where
adequate margin is maintained, the device can potentially be used for higher data rates.
7.2 Functional Block Diagram
Charge Pump
/Gate Drive
D+
D-
DA+
DA-
DB+
DB-
SEL
OEn
VCC
GND
7.3 Feature Description
7.3.1 Output Enable and Power Savings
The TMUXHS221 has two power modes: Active or Normal operating mode and Standby or Shutdown mode.
During Standby mode, the device consumes very-little current to achieve ultra low power in systems where
saving power is critical. To enter Standby mode, OEn must be pulled high.
7.3.2 Data Line Biasing
The TMUXHS221 does not contain any internal biasing. All channels of the device must be biased from either of
the two sides to avoid floating channels.
7.4 Device Functional Modes
Table 7-1. Mux Configuration Control Logic for TMUXHS221(1)
SEL
OEn
Mux Configuration
L
L
D to DA
H
L
D to DB
X
H
All channels are disabled and Hi-Z
(1)
The TMUXHS221 can tolerate polarity inversions for differential signals. Ensure that the polarity
consistency is maintained for all differential pairs.
www.ti.com
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com