Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 1 Page - Texas Instruments

  TMUXHS221 Datasheet HTML 1Page - Texas Instruments TMUXHS221 Datasheet HTML 2Page - Texas Instruments TMUXHS221 Datasheet HTML 3Page - Texas Instruments TMUXHS221 Datasheet HTML 4Page - Texas Instruments TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
1 Features
• Compatible to USB 2.0 and eUSB2 LS, FS, and
HS physical layers
• Analog switch that can support most CMOS or
differential signals up to 3.3 V and 3 Gbps
• Data pins are 5 V tolerant
• Low RON of 3 Ω at VI/O = 0.2 V
• High –3 dB BW of 3.3 GHz
• Excellent for USB 2.0 or eUSB2 HS signals
at 240 MHz:
– Insertion loss = –0.4 dB
– Return loss = –22 dB
– Off isolation / cross talk = –32 dB
• Minimal vertical and horizontal USB 2.0
HS eye attenuation
• 3.3 V supply voltage
• 1.8 or 3.3 V control logic inputs
• Extended industrial temperature range
of –40 to 125°C
• Small 10-pin 1.4 mm × 1.8 mm, UQFN package
• Pin-to-pin and BoM-to-BoM with multiple sources
2 Applications
• PC and notebooks
• Gaming, TV, home theater, and entertainment
• Data center and enterprise computing
• Medical applications
• Test and measurements
• Factory automation and control
• Mobile Phones and tablets
3 Description
The TMUXHS221 is a high-speed bidirectional 2:1/1:2
multiplexer/demultiplexer optimized for USB 2.0 and
eUSB2 LS, FS, and HS signaling. The TMUXHS221
is an analog passive switch that works for many
high-speed interfaces for data rates up to 3 Gbps.
The TMUXHS221 supports either differential or single
ended CMOS signaling with a voltage range of −0.3 to
3.6 V.
The excellent high speed performance of the
TMUXHS221 results in minimal attenuation to the
USB 2.0 or eUSB2 HS signal eye diagrams with
very low channel ON resistance, high bandwidth,
low reflection, and low added jitter. The device
is optimized for excellent high frequency response
so that passing USB 2.0 HS electrical compliance
becomes easier. The datapaths of the device are also
matched for best intra-pair skew performance.
The TMUXHS221 has an extended temperature
range that suits many rugged applications including
industrial and high reliability use cases.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUXHS221
NKG (UQFN, 10)
1.40 mm × 1.80 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
.
TMUXHS221
Debug
Interface
USB Host
USB
Connector
D+
D-
DB+
DB-
DA+
DA-
SEL
OEn
Application Use Case
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUXHS221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221 Datasheet
948Kb / 17P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
TMUXHS221F TI2-TMUXHS221F Datasheet
1Mb / 23P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 28V Overvoltage Protection and 1.2V Logic
SEPTEMBER 2025
TMUXHS221F TI2-TMUXHS221F Datasheet
1Mb / 25P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
REVISED NOVEMBER 2025
TMUXHS221FRSWR TI2-TMUXHS221FRSWR Datasheet
1Mb / 25P
TMUXHS221F Dual 2:1 USB 2.0 Mux/DeMux With 30V Overvoltage Protection and 1.2V Logic
REVISED NOVEMBER 2025
More results

Similar Description - TMUXHS221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TMUXHS221 TI-TMUXHS221 Datasheet
1Mb / 21P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
AUGUST 2022
TMUXHS221 TI-TMUXHS221_V01 Datasheet
948Kb / 17P
TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com