Electronic Components Datasheet Search
  English  ▼

X  

B41821 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # B41821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41821 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button B41821 Datasheet HTML 9Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 10Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 11Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 12Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 13Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 14Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 15Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 16Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UN
Vdc
CN
120 Hz
20° C
µf
Case
Dimensions
ø d x I
mm
Il max
5 min
20° C
µA
tanδδ max
120 Hz
20°C
ESR max
120 Hz
20°C
Ω
Ω
Iac max
120 Hz
85ºC
mA(rms)
Ordering
code
Short
Code
400
2,2
3,3
4,7
6,8
10
22
33
47
68
100
150
10 x 12,5
10 x 12,5
10 x 16
10 x 16
10 x 20
16 x 20
16 x 25
16 x 31,5
18 x 31,5
20 x 35
20 x 40
41
55
71
97
135
279
411
79
831
1215
1815
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
151
100
71
49
33
15
10
7,1
4,9
3,3
2,2
40
45
60
70
95
180
240
310
410
60
700
-A9225-M
-A9335-M
-A9475-M
-A9685-M
-A9106-M
-A9226-M
-A9336-M
-A9476-M
-A9686-M
-A9107-M
-A9157-M
450
2,2
3,3
4,7
6,8
10
22
33
47
68
100
10x12,5
10x16
10x0
10x20
12,5x25
16x25
16x3,5
18x31,5
18x35
20x10
45
60
78
407
150
312
460
650
933
1365
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
151
100
71
49
33
15
10
7,1
4,9
3,3
28
44
50
75
90
165
220
265
520
600
-A5225-M
-A5335-M
-A5475-M
-A5685-M
-A5106-M
-A5226-M
-A5336-M
-A5476-M
-A5686-M
-A5107-M
* Type available under consult.
How to determine the ordering code
To obtain the required ordering code, prefix the type number to the short code.
E.g.: B41821-A9105-M
UN = 6,3...100 Vdc
UN = 160...450 Vdc
Type number
B 41821-...
B 43821-...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com