Electronic Components Datasheet Search
  English  ▼

X  

B41821 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B41821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41821 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button B41821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 9Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 10Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
UN
Vdc
CN
120 Hz
20° C
µf
Case
Dimensions
ø d x I
mm
Il max
5 min
20° C
µA
tanδδ max
120 Hz
20°C
ESR max
120 Hz
20°C
Ω
Ω
Iac max
120 Hz
85ºC
mA(rms)
Ordering
code
Short
Code
35
33
47
68
100
100
150
220
270
330
470
560
680
1000
1500
2200
3300
4700
6800
5 x 11
5 x 11
6,3 x 11
6,3 x 11
8 x 11
8 x 11
10 x 12,5
10 x 12,5
10 x 12,5
10 x 16
10 x 20
10 x 20
12,5 x 25
16 x 25
16 x 31,5
18 x 31
18 x 40
22 x 40
12
16
24
35
35
53
77
95
116
165
196
238
350
525
770
1155
1645
2380
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,14
0,16
0,18
0,20
0,24
7,0
4,9
3,4
2,6
2,3
1,5
1,1
0,9
0,70
0,49
0,41
0,34
0,23
0,15
0,12
0,09
0,07
0,06
85
130
160
180
210
270
390
430
450
570
770
840
1000
1400
1500
2150
2300
2500
-A7336-M
-A7476-M
-A7686-M
-F7107-M
-A7107-M
-A7157-M
-A7227-M
-A7277-M
-A7337-M
-A7477-M
-A7567-M
-A7687-M
-A7108-M
-A7158-M
-A7228-M
-A7338-M
-A7478-M
-A7688
-M
50
10
22
33
47
68
100
150
220
270
330
470
560
680
1 000
1 500
2 200
3 300
4 700
5 x 11
5 x 11
6,3 x 11
6,3 x 11
8 x 11
8 x 11
10 x 12,5
10 x 12,5
10 x 16
10 x 16
10 x 20
12,5 x 25
12,5 x 2 5
16 x 20
16 x 31,5
18 x 35
18 x 40
22 x 40
5
11
17
24
34
50
75
110
135
165
235
280
340
500
750
1100
1650
2350
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,12
0,14
0,16
0,18
20
9,0
6,0
4,2
2,9
2,0
1,3
0,90
0,74
0,60
0,42
0,36
029
0,20
0,13
0,11
0,08
0,06
60
90
110
150
190
250
320
400
480
510
700
900
1030
1100
1540
1700
1900
2200
-A6106-M
-A6226-M
-A6336-M
-A6476-M
-A6686-M
-A6107-M
-A6157-M
-A6227-M
-A6277-M
-A6337-M
-A6477-M
-A6567-M
-A6687-M
-A6108-M
-A6158-M
-A6228-M
-A6338-M
-A6478-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com