Electronic Components Datasheet Search
  English  ▼

X  

B41821 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B41821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41821 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B41821 Datasheet HTML 1Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 2Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Single Ended GP - Capacitors
B 41821
Standard Series - 85°C
B 43821
Construction
Radial leads
Charge-discharge proof, polar
Aluminum case, insulating sleeve
Minus pole marking on case surface
Stand off rubber seal
Features
Miniaturized dimensions
High CV product, i.e. Very compact
Replaces all old series B41822/B43822/B41835/B43835
Applications
GP (general-purpose) applications in the entertainment
industry
Semi-professional application range
For filtering, coupling and pulse circuits
Delivery Mode (packing)
Special terminals configurations and packing
Bulk
Ammo
Cut
Kinked
PAPR
Specifications and characteristics in brief
Type
B41821
B43821
Rated voltage
Surge voltage
UN
US
6,3...100 Vdc
1,15 . UN
160...450 Vdc
1,1 UN
Rated capacitance
Capacitance tolerance
CN
0.1...10000 µF
± 20% (M)
0,47...560 µF
± 20% (M)
Useful life
40°C, UN
85° C, UN ; IacN
Hrs
> 100 000 h (1,3 - IacN,85°)
>
2 000 h
> 100 000 h (1,6 - IacN
, 85°)
>
3 000 h
Fraction failure
%
≤ 1%
(during the useful life)
≤ 1%
(during the useful life)
Failure rate
fit
≤ 100 fit
(
≤ 100
⋅ 10 -9/h)
≤ 100 fit≤
(≤ 100 ⋅ 10 -9/h)


Similar Part No. - B41821

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
Single-ended capacitors
B41821 EPCOS-B41821 Datasheet
790Kb / 36P
Aluminum electrolytic capacitors
B41821A2108M EPCOS-B41821A2108M Datasheet
790Kb / 36P
Aluminum electrolytic capacitors
B41821A2108M000 EPCOS-B41821A2108M000 Datasheet
784Kb / 36P
Single-ended capacitors
B41821A2108M000 EPCOS-B41821A2108M000 Datasheet
683Kb / 41P
Aluminum electrolytic capacitors
More results

Similar Description - B41821

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
Single-ended capacitors
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
Single-ended capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
Single-ended capacitors
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
Single-Ended GP Capacitors Low Profile
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
Single-Ended Capacitors
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
Single-ended capacitors
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com