Electronic Components Datasheet Search
  English  ▼

X  

B41821 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B41821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41821 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B41821 Datasheet HTML 1Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 2Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Type B 41821
330
6,3x11
8x11
8x11
10x12,5
10x12,5
10x16
10x20
26x25
470
8x11
8x11
10x12,5
10x12,5
10x16
10x20
12,5x25
16x31,5
560
8x11
10x12,5
10x12,5
10x16
10x20
12,5x25
16x20
16x31,5
680
10x12,5
10x12,5
10x16
10x20
10x20
12,5x25
16x25
20x30
1 000
10x12,5
10x12,5
10x16
10x20
12,5x25
16x20
16,31,5
20x40
1 500
10x16
10x20
12,5x25
12,5x25
16x25
16,31,5
18,35
2 200
10x20
10x20
12,5x25/16x15
16x20
16x31,5
18x35
20x40
3 300
10x20
12,5x25
16x25
1625
18x31
18x40
4 700
12,5x25
16x20
16x25
16x31,5
18x40
22x40
6 800
16x31,5
18x31
18x40
22x40
8 200
18x31
20x30
22x35
10 000
18x35
20x35
22x40
Type B 43821
UN (Vdc)
160
200
250
350
400
450
CN (µf)
Case dimensions Ø d x I (mm)
0,47
6,3x11
6,3x11
6,3x11
6,3x11
0,68
6,3x11
6,3x11
6,3x11
6,3x11
1
6,3x11
6,3x11
6,3x11
6,3x11
1,5
6,3x11
6,3x11
6,3x11
8x11
2,2
6,3x11
6,3x11
6,3x11
8x11
10x12,5
10x12,5
3,3
6,3x11
6,3x11
8x11
10x12,5
10x12,5
10x16
4,7
8x11
8x11
10x12,5
10x12,5
10x16
10x20
6,8
8x11
10x12,5
10x12,5
10x16
10x16
10x20
10
10x12,5
10x12,5/10x16
10x16
10x20
10x20
10x12,5
22
10x16
10x20
10x20
12,5x25
16x20
16x25
33
10x20
10x20/12,5x25
12,5x25
16x25
16x25
16x31,5
47
12,5x25
12,5x25
16x20
16x31,5
16x31,5
18x31
68
16x20
16x20
16x25
18x31
18x31
18x35
100
16x25
16x25
18x35
20x30
20x35
20x40
150
16x31,5
18x31
18x40
20x40
20x40
220
18x31
18x35
18x40
270
18x40
20x35
22x35
330
20x30
22x35
22x40
470
22x35
560
22x40
Other capacitance and voltage ratings are available upon request.
Technical data and ordering codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com