Electronic Components Datasheet Search
  English  ▼

X  

B41821 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # B41821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41821 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button B41821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 9Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 10Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 11Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 12Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
UN
Vdc
CN
120 Hz
20° C
µf
Case
Dimensions
ø d x I
mm
Il max
5 min
20° C
µA
tanδδ max
120 Hz
20°C
ESR max
120 Hz
20°C
Ω
Ω
Iac max
120 Hz
85ºC
mA(rms)
Ordering
code
Short
Code
100
0,1
0,22
0,33
0,47
0,68
1
1,5
2,2
3,3
4,7
10
22
33
47
47
68
100
150
220
270
330
470
560
680
1000
5 x 11
5 x 11
5 x 11
5 x1 1
5 x 11
5 x 11
5 x1 1
5 x 11
5 x 11
5 x 11
6,3 x 11
8 x 11
10 x 12,5
10 x 16
10 x 12,5
10 x 16
10 x 20
12,5 x 25
12,5 x 25
16 x 25
16 x 25
16 x 31,5
16 x 31,5
20 x 30
20 x 40
3,0
3,0
3,0
3,0
3,0
3,0
3,0
3,0
3,3
4,7
10
22
33
47
47
68
100
150
220
270
330
470
560
680
1000
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
0,10
1658
754
502
353
244
166
111
75
50
35
17
7,5
5,0
3,5
3,5
2,4
1,7
1,1
0,75
0,61
0,50
0,35
0,30
0,24
0,17
2,0
4,0
7,0
10
13
21
24
30
40
45
75
130
190
250
230
280
350
550
620
770
800
900
1000
1100
1300
-A9104-M
-A9224-M
-A9334-M
-A9474-M
-A9684-M
-A9105-M
-A9155-M
-A9225-M
-A9335-M
-A9475-M
-A9106-M
-A9226-M
-A9336-M
-A9476-M
-B9476-M
-A9686-M
-A9107-M
-A9157-M
-A9227-M
-A9277-M
-A9337-M
-A9477-M
-A9567-M
-A9687-M
-A9108-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com