Electronic Components Datasheet Search
  English  ▼

X  

B41821 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B41821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41821 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B41821 Datasheet HTML 1Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 2Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B41821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
UN
Vdc
CN
120 Hz
20° C
µf
Case
Dimensions
ø d x I
mm
Il max
5 min
20° C
µA
tanδδ max
120 Hz
20°C
ESR max
120 Hz
20°C
Ω
Ω
Iac max
120 Hz
85ºC
mA(rms)
Ordering
code
Short
Code
6,3
220
270
330
470
560
680
1 000
1 500
2 200
3 300
4 700
6,3 x 11
6,3 x 11
6,3 x 11
8 x 11
8 x 11
10 x 125,5
10 x 12,5
10 x 16
10 x 20
10 x 20
12,5 x 25
14
17
21
30
35
43
63
95
139
208
296
0,28
0,28
0,28
0,28
0,28
0,28
0,28
0,28
0,30
0,32
0,34
2,1
1,7
1,4
1,0
0,83
0,68
0,46
0,31
0,23
0,16
0,12
200
210
270
330
360
460
560
750
950
1050
1300
-A2227-M
-A2277-M
-A2337-M
-A2477-M
-A2567-M
-A2687-M
-A2108-M
-A2158-M
-A2228-M
-A2338-M*
-A2478-M*
10
100
150
220
270
330
470
560
680
1 000
1 500
2 200
3 300
4 700
6 800
8 200
10 000
5 x 11
6,3 x 11
6,3 x 11
8 x 11
8 x 11
8 x 11
10 x 12,5
10 x 12,5
10 x 12,5
10 x 20
10 x 20
12,5 x 25
16 x 20
16 x 31,5
18 x 31
18 x 35
10
15
22
27
33
47
56
68
100
150
220
330
470
680
820
100
0,24
0,24
0,24
0,24
0,24
0,24
0,24
0,24
0,24
0,24
0,26
0,28
0,30
0,34
0,38
0,42
4,0
2,7
1,8
1,5
1,2
0,85
0,71
0,59
0,40
0,27
0,20
0,14
0,11
0,08
0,08
0,07
120
160
220
255
280
400
420
460
670
730
100
1450
1540
2110
2310
2520
-A3107-M
-A3157-M
-A3227-M
-A3277-M
-A3337-M
-A3477-M
-A3567-M
-A3687-M
-A3108-M
-A3158-M
-A3228-M
-A3338-M
-A3478-M*
-A3688-M*
-A3828-M*
-A3109-M*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com