Electronic Components Datasheet Search
  English  ▼

X  

DAC82001 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 3Page - Texas Instruments DAC82001 Datasheet HTML 4Page - Texas Instruments DAC82001 Datasheet HTML 5Page - Texas Instruments DAC82001 Datasheet HTML 6Page - Texas Instruments DAC82001 Datasheet HTML 7Page - Texas Instruments DAC82001 Datasheet HTML 8Page - Texas Instruments DAC82001 Datasheet HTML 9Page - Texas Instruments DAC82001 Datasheet HTML 10Page - Texas Instruments DAC82001 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.8 Typical Characteristics
at TA = 25°C, channel output shown, and DAC outputs unloaded (unless otherwise noted)
DAC Code
0
8192 16384 24576 32768 40960 49152 57344 65535
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
85
C
25
C
-40
C
VDD = 5.5 V, VREF = 5.0 V
Figure 6-2. Integral Linearity Error vs Digital Input Code
DAC Code
0
8192 16384 24576 32768 40960 49152 57344 65535
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
85
C
25
C
-40
C
VDD = 2.7 V, VREF = 2.5 V
Figure 6-3. Integrated Linearity Error vs Digital Input Code
Maximum/Minimum Integral Nonlinearity Error (LSB)
0
0.1
0.2
0.3
0.4
0.5
-40
C
25
C
85
C
VDD = 5.5 V, VREF = 5.0 V
Figure 6-4. Integral Linearity Error Histogram
Maximum/Minimum Integral Nonlinearity Error (LSB)
0
0.1
0.2
0.3
0.4
-40
C
25
C
85
C
VDD = 2.7 V, VREF = 2.5 V
Figure 6-5. Integrated Linearity Error Histogram
DAC Code
0
8192 16384 24576 32768 40960 49152 57344 65535
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
85
C
25
C
-40
C
VDD = 5.5 V, VREF = 5.0 V
Figure 6-6. Differential Linearity Error vs Digital Input Code
VDD = 2.7 V, VREF = 2.5 V
Figure 6-7. Differential Linearity Error vs Digital Input Code
www.ti.com
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com