Electronic Components Datasheet Search
  English  ▼

X  

DAC82001 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 10Page - Texas Instruments DAC82001 Datasheet HTML 11Page - Texas Instruments DAC82001 Datasheet HTML 12Page - Texas Instruments DAC82001 Datasheet HTML 13Page - Texas Instruments DAC82001 Datasheet HTML 14Page - Texas Instruments DAC82001 Datasheet HTML 15Page - Texas Instruments DAC82001 Datasheet HTML 16Page - Texas Instruments DAC82001 Datasheet HTML 17Page - Texas Instruments DAC82001 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
7.5 Programming
7.5.1 Serial Peripheral Interface (SPI)
The DAC82001 is controlled through a 3-wire serial peripheral interface (SPI) using SYNC, SCLK, and SDIN.
The serial interface operates at up to 50 MHz. The input shift register is 24-bits wide.
Table 7-1 shows the SPI frame format.
Table 7-1. SPI Frame Format
BIT
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DESC
W
Register Address - Command Byte
16-Bit MSB-Aligned DAC Data
Serial clock SCLK is a continuous or a gated clock. The first falling edge of SYNC starts the operation cycle.
When SYNC is high, the SCLK and SDIN signals are blocked. The device internal registers are updated from the
shift register on the rising edge of SYNC.
7.5.1.1 SYNC Interrupt
For SPI operation, the SYNC line stays low for at least 24 falling edges of SCLK, and the addressed DAC
register updates on the SYNC rising edge. However, if the SYNC line is brought high before the 24th SCLK
falling edge, this event acts as an interrupt to the write sequence. The shift register resets and the write
sequence is discarded. As Figure 7-3 shows, the data buffer contents and the DAC register contents do not
update, and the operating mode does not change.
1
2
24
SCLK
SDIN
DB23
DB0
Invalid or interrupted write sequence
1
2
24
SCLK
SDIN
DB23
DB0
Valid write sequence
SYNC
SYNC
Figure 7-3. SYNC Interrupt
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com