Electronic Components Datasheet Search
  English  ▼

X  

DAC82001 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC82001
Description  DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82001 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC82001 Datasheet HTML 7Page - Texas Instruments DAC82001 Datasheet HTML 8Page - Texas Instruments DAC82001 Datasheet HTML 9Page - Texas Instruments DAC82001 Datasheet HTML 10Page - Texas Instruments DAC82001 Datasheet HTML 11Page - Texas Instruments DAC82001 Datasheet HTML 12Page - Texas Instruments DAC82001 Datasheet HTML 13Page - Texas Instruments DAC82001 Datasheet HTML 14Page - Texas Instruments DAC82001 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
7 Detailed Description
7.1 Overview
The DAC82001 device is a single-channel, unbuffered voltage output, 16
‑bit digital-to-analog converter (DAC)
operating from a single 3.3-V to 5-V power supply. This converter provides 1-LSB DNL and 2-LSB INL linearity.
With a 10-pF load, the output of the DAC82001 settles to ½ LSB of full scale at 1 µs. The glitch impulse of 1-LSB
code change around major carry is 0.5 nV-s.
The device incorporates a power-on-reset circuit to make sure that the DAC output powers up at zero scale
or midscale, depending on status of the RSTSEL pin, and remains at that scale until a valid code is written
to the device. All internal registers are asynchronously reset after the RESET pin is pulled low. Similar to the
power-on-reset, the RESET signal sets the DAC output to zero scale or midscale based on the status of the
RSTSEL pin.
The digital interface of the DAC82001 uses a 3-wire serial peripheral interface (SPI) that operates at clock rates
of up to 50 MHz.
7.2 Functional Block Diagram
VOUT
DAC
Register
DAC
Buffer
Power On Reset
VREF
SCLK
SDIN
AGND
VDD
DAC
RSTSEL
RESET
SYNC
www.ti.com
DAC82001
SBASAK3A – SEPTEMBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DAC82001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com